Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 54Page - STMicroelectronics STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Theory of operation
STPMC1
58/77
Doc ID 15728 Rev 6
Address
Name
N. of
bits
Description
IMPORTANT: The decimal value indicated in this column represents
the value of the configuration bits with MSB in bold.
7-BIT
Binary
DEC
1000000
1000001
1000010
1000011
1000100
1000101
1000110
1000111
64
65
66
67
68
69
70
71
CVR
8
Calibration data for voltage channel of phase R
1001000
1001001
1001010
1001011
1001100
1001101
1001110
1001111
72
73
74
75
76
77
78
79
CVS
8
Calibration data for voltage channel of phase S
1010000
1010001
1010010
1010011
1010100
1010101
1010110
1010111
80
81
82
83
84
85
86
87
CVT
8
Calibration data for voltage channel of phase T
1011000
1011001
1011010
1011011
88
89
90
91
CPR
4
Compensation of phase error of phase R
1011100
1011101
1011110
1011111
92
93
94
95
CPS
4
Compensation of phase error of phase S
1100000
1100001
1100010
1100011
96
97
98
99
CPT
4
Compensation of phase error of phase T
1100100
1100101
1100110
1100111
1101000
1101001
1101010
1101011
100
101
102
103
104
105
106
107
CCB
8
- PM=0, TCS=0: Mutual current influence compensation data B
SYS = 0, 1, 2, 3
SYS = 4, 5, 6, 7
CCB[7..3] =
β
CCB[7..0] =
β
CCB[2..0] =
γ
- PM=1: Calibration extenders for current
CCB[7..6] = CiT
CCB[5..4] = CiS
CCB[3..2] = CiR
CCB[1..0] = CiN
1101100
1101101
108
109
CPC
2
Common sign and coarse phase error compensation
Table 33.
Configuration bits map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com