Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 19Page - STMicroelectronics STPMC1 Datasheet HTML 20Page - STMicroelectronics STPMC1 Datasheet HTML 21Page - STMicroelectronics STPMC1 Datasheet HTML 22Page - STMicroelectronics STPMC1 Datasheet HTML 23Page - STMicroelectronics STPMC1 Datasheet HTML 24Page - STMicroelectronics STPMC1 Datasheet HTML 25Page - STMicroelectronics STPMC1 Datasheet HTML 26Page - STMicroelectronics STPMC1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
23/77
The clock generator is responsible for two tasks.
The first is to retard the turn-on of some functional blocks after POR in order to help a
smooth start of external power supply circuitry by keeping off all major loads. For this
reason, all blocks of the digital part, except the SPI interface, are held in a reset state for 125
ms after a power on reset (see
Section 9.3).
The second task of the clock generator is to provide all necessary clocks for the digital part.
In this task, a MDIV and FR1 programming bits are used to inform the device about the
nominal frequency value from XTAL1 (fXTAL1).
Four nominal frequencies are possible through proper setting of the MDIV and FR1 bits (see
Table 10).
The internal master clock fMCLK is derived from fXTAL1 as shown in Table 10.
Through the HSA bit the frequency of the output pin CLK (fCLK), which provides the clock for
the STPMSx devices, can be derived as reported in
Table 11.
To properly work with STPMS2, the clock configurations in
Table 12 must be used.
Moreover, with STPMS2 companion chip the PM bit must always be set.
9.5
Zero crossing detection (signal
ZCR)
The STPMC1 has a zero crossing detection circuit on the voltage channel that can be used
to synchronize some utility equipment to zero crossing or max of line voltage events. This
circuit produces the internal signal
ZCR that has a falling edge every zero crossing of one of
the line voltages and a rising edge every peak (positive or negative) of one of the line
voltages.
Table 10.
Frequency settings through MDIV and FR1 (1)
1.
4 MHz and 8 MHz clock are also supported. MDIV and FR1 have to be set as for 4.194 MHz and 8.192
MHz respectively.
fXTAL1
MDIV (1 bit)
FR1 (1 bit)
fMCLK
4.194 MHz
0
0
8.389 MHz
4.915 MHz
0
1
9.830 MHz
8.192 MHz
1
0
8.192 MHz
9.830 MHz
1
1
9.830 MHz
Table 11.
CLK pin frequency settings through HSA
HSA (1 bit)
fCLK STPMC1
0fXTAL1 / 4
1fXTAL1 / 2
Table 12.
STPMC1 configuration for STPMS2
MDIV (1 bit)
HSA (1 bit)
fCLK
00
fXTAL1 / 4
10
fXTAL1 / 4
01
fXTAL1 / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com