Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 10Page - STMicroelectronics STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics STPMC1 Datasheet HTML 16Page - STMicroelectronics STPMC1 Datasheet HTML 17Page - STMicroelectronics STPMC1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Electrical characteristics
STPMC1
14/77
Doc ID 15728 Rev 6
Note:
Typical value, not production tested.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Crystal oscillator
VIH
Input high voltage
1.2
V
VIL
Input low voltage
0.6
V
Iin
Input current on XTAL2
VCC =5.3V
-1
+1
µA
Rp
External resistor
1
4
M
Ω
Cp
External capacitors
22
pF
fXTAL1
Nominal output frequency
4.000
4.194
4.915
MHz
8.000
8.192
9.830
fMCLK
Internal clock frequency
see
Table 10
8.000
8.192
9.830
MHz
fCLK
Output CLK pin frequency
HSA = 0
fXTAL1/4
MHz
HSA = 1
fXTAL1/2
SPI interface timing
FSCLKr
Data read speed
TA= 25°C
32
MHz
FSCLKw
Data write speed
TA= 25°C
100
kHz
tDS
Data setup time
20
ns
tDH
Data hold time
0
ns
tON
Data driver on time
20
ns
tOFF
Data driver off time
20
ns
tSYN
SYN active width
2/fXTAL1
s
Table 7.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com