Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 52Page - STMicroelectronics STPMC1 Datasheet HTML 53Page - STMicroelectronics STPMC1 Datasheet HTML 54Page - STMicroelectronics STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Theory of operation
STPMC1
56/77
Doc ID 15728 Rev 6
Address
Name
N. of
bits
Description
IMPORTANT: The decimal value indicated in this column represents
the value of the configuration bits with MSB in bold.
7-BIT
Binary
DEC
0001000
8
ART
1
Reactive energy computation algorithm:
- ART=0: natural computation
- ART=1: artificial computation – not allowed if FUND =1
0001001
9
MSBF
1
Bit sequence output during record data reading selection:
- MSBF=0: msb first
- MSBF=1: lsb first
0001010
0001011
10
11
ABS
2
Negative power accumulation type:
- ABS=0: 3-phase Ferraris,
- ABS=1: absolute accumulation per phase
- ABS=2: Ferraris per phase,
- ABS=3: signed accumulation
0001100
0001101
12
13
LTCH
2
No-load condition threshold:
- LTCH=0: 0,00125 * FS,
- LTCH=1: 0,0025 * FS
- LTCH=2: 0,005 * FS
- LTCH=3: 0,010 * FS
0001110
0001111
14
15
KMOT
2
If APL=0 output selection for LED pin:
KMOT=0
KMOT=1
KMOT=2
KMOT=3
3-phase
R phase
S phase
T phase
If APL = 1, 2, 3 pulsed output divider:
If LVS=0,
KMOT=0
KMOT=1
KMOT=2
KMOT=3
P/64
P/128
P/32
P/256
The constants at LVS=0 is valid also for LED when APL=3
If LVS=1,
KMOT=0
KMOT=1
KMOT=2
KMOT=3
P/640
P/1280
P/320
P/2560
0010000
16
LVS
1
if APL = 0, 1 Selection of pulses(X) for LED:
- LVS=0: active power,
- LVS=1: reactive power.
if APL = 1, 2, 3 Type of stepper selection:
- LVS=0: 10 poles, 30ms, 5V stepper,
- LVS=1: 2 poles, 150ms, 3V stepper
0010001
0010010
0010011
17
18
19
SYS
3
Measurement system selection:
- SYS=0: 3-phase, 4-wire RSTN, 4-systxem RSTN (tamper)
- SYS=1: 3-phase, 4-wire RSTN, 3-system RST_
- SYS=2: 3-phase, 3-wire RST_, 3-system RST_ (tamper)
- SYS=3: 3-phase, 3-wire RST_, 2-system R_T_ (Aron)
- SYS=4: 2-phase, 3-wire _STN, 2-system _ST_ (America)
- SYS=5: 1-phase, 2-wire __TN, 2-system _ST_ (tamper coil:coil)
- SYS=6: 1-phase, 2-wire __TN, 2-system _ST_ (tamper coil:shunt)
- SYS=7: 1-phase, 2-wire __TN, 1-system __T_
0010100
20
SCLP
1
Polarity of SCLNLC idle state selection:
- SCLP=0: idle state SCLNLC=1,
- SCLP=1: idle state SCLNLC=0
Table 33.
Configuration bits map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com