Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 7Page - STMicroelectronics STPMC1 Datasheet HTML 8Page - STMicroelectronics STPMC1 Datasheet HTML 9Page - STMicroelectronics STPMC1 Datasheet HTML 10Page - STMicroelectronics STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
STPMC1
Application
Doc ID 15728 Rev 6
11/77
5
Application
Figure 3.
Application schematic in standalone operating mode
N R S T
Current
Sensor
Current
Sensor
Current
Sensor
Voltage
Sensor
Voltage
Sensor
Voltage
Sensor
Current
Sensor
STPMS1
STPMS1
STPMS1
STPMS1
3 V to 5.5 V
STPMC1
DAR
DAS
DAH
CLK
XTAL1
XTAL2
VSS
VDD
VSSA
SDA-TD
SCL-NC
SYN-NP
SCS
LED
MOP
MON
VOTP
VCC
DAN
DAT
Negative power
No load condition
Tamper Detection
Stepper
Counter
Pulsed output
N R S T
Current
Sensor
Current
Sensor
Current
Sensor
Voltage
Sensor
Voltage
Sensor
Voltage
Sensor
Current
Sensor
STPMS1
STPMS1
STPMS1
STPMS1
3 V to 5.5 V
STPMC1
DAR
DAS
DAH
CLK
XTAL1
XTAL2
VSS
VDD
VSSA
SDA-TD
SCL-NC
SYN-NP
SCS
LED
MOP
MON
VOTP
VCC
DAN
DAT
Negative power
No load condition
Tamper Detection
Stepper
Counter
Pulsed output
Figure 4.
Application schematic using an MCU
N R S T
Current
Sensor
Current
Sensor
Current
Sensor
Voltage
Sensor
Voltage
Sensor
Voltage
Sensor
Current
Sensor
STPMS1
STPMS1
STPMS1
STPMS1
TEMP
Sensor
To MCU
3 V to 5.5 V
Pulsed
Output
Energy
Zero
Crossing
DAR
DAS
DAH
CLK
XTAL1
XTAL2
VSS
VDD
VSSA
SDA-TD
SCL-NC
SYN-NP
SCS
LED
MOP
MON
VOTP
VCC
DAN
DAT
Watchdog
STPMC1
N R S T
Current
Sensor
Current
Sensor
Current
Sensor
Voltage
Sensor
Voltage
Sensor
Voltage
Sensor
Current
Sensor
STPMS1
STPMS1
STPMS1
STPMS1
TEMP
Sensor
To MCU
3 V to 5.5 V
Pulsed
Output
Energy
Zero
Crossing
DAR
DAS
DAH
CLK
XTAL1
XTAL2
VSS
VDD
VSSA
SDA-TD
SCL-NC
SYN-NP
SCS
LED
MOP
MON
VOTP
VCC
DAN
DAT
Watchdog
STPMC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com