Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
61/77
the SCS status. If SCS is low, SCLNCL is the input of serial bit synchronization clock signal.
When SCS is high, SCLNLC determines idle state of the SPI.
SDATD: is the data pin. If SCS is low, the operation of SDATD is dependent on the status of
SYN pin. If SYN is high SDATD is the output of serial bit data (read mode) if SYN is low
SDATD is the input of serial bit data signal (write mode). If SCS is high SDATD is input of
idle signal.
Any of the pins above has an internal weak pull-up device of a nominal 15 A. This means
that when a pin is not forced by external signals, the state of the pin is logic high. A high
state of any of the input pins above is considered in an idle (not active) state.
For the SPI to operate correctly the STPMC1 must be correctly supplied as described in the
power supply section. Idle state of SPI module is recognized when the signals of pins SYN,
SCS, SCLNLC and SDATD are in a logic high state. Any SPI operations should start from
such an idle state. The exception to this rule is when the STPMC1 has been put into
standalone application mode. In this mode it is possible that the states of the pins SCLNLC,
SDATD and SYN are not high due to the states of the corresponding internal status bits.
When SCS is active (low), signal SDATD should change its state at the trailing edge of the
signal SCLNLC and signal SDATD should be stable at the next leading edge of signal
SCLNLC. The first valid bit of SDATD is always started with activation of signal SCLNLC.
9.21.1
Remote reset
The timing diagram of the operation is shown in remote reset request timing. The time step
can be as short as 30 ns.
The internal reset signal is called RRR. Unlike the POR, the RRR signal does not cause the
125 ms delayed restart of the digital module. This signal does not clear the mode signals.
Note:
All the time intervals must be longer than 30 ns.
t7 -> t8 is the reset time, this interval must be longer than 30 ns as well.
Figure 21.
Timing for providing remote reset request
SCS
SYN
SCLNLC
SDATD
t
1
t
2
t
3
t
4
t
5
t
6
t
7
t
8
t
9
t
10
SCS
SYN
SCLNLC
SDATD
t
1
t
2
t
3
t
4
t
5
t
6
t
7
t
8
t
9
t
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com