Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 8Page - STMicroelectronics STPMC1 Datasheet HTML 9Page - STMicroelectronics STPMC1 Datasheet HTML 10Page - STMicroelectronics STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics STPMC1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
Application
STPMC1
12/77
Doc ID 15728 Rev 6
Note:
The components listed above refer to a typical metering application. In any case, STPMC1
operation is not limited to the choice of these external components.
Table 6.
Typical external components
Function
Component
Value
Tolerance
Unit
Reads or writes to a calculator device via SPI and
performs computation
Microprocessor
---
---
---
Measurement reference clock
Crystal oscillator
4.194
8.192
4.915
9.830
± 30 ppm
MHz
Interface R-phase voltage, current
STPMSx
---
---
---
Interface S-phase voltage, current
STPMSx
---
---
---
Interface T-phase voltage, current
STPMSx
---
---
---
Interface PTAT, neutral current
STPMSx
---
---
---
Interface PTAT or hall
STPMSx
---
---
---
Low-end user interface
Stepper counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com