Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
41/77
Equation 4
ϕ
phc is the phase compensation in degree,
KPHC is the calculated coefficient,
fline is the frequency of voltage signal,
fphc is the clock for phase compensation.
The clock for phase compensation fphc can be derived as reported in Table 23 and Table 24
Table 23.
fphc frequency settings
MDIV (1 bit)
PM (1 bit)
HSA (1 bit)
fCLK
X0
0
fXTAL1 / 8
X0
1
fXTAL1 / 4
01
X
fXTAL1 / 2
11
X
fXTAL1 / 4
Table 24.
fphc frequency values
fXTAL1
PM (1 bit)
HSA (1 bit)
fCLK
4.194 MHz
0
0
524 kHz
4.195 MHz
614 kHz
8.192 MHz
1.024 MHz
9.830 MHz
1.229 MHz
4.194 MHz
1
1.049 MHz
4.195 MHz
1.229 MHz
8.192 MHz
2.048 MHz
9.830 MHz
2.458 MHz
4.194 MHz
1X
2.097 MHz
4.195 MHz
2.458 MHz
8.192 MHz
2.048 MHz
9.830 MHz
2.458 MHz
Table 25.
fphc frequency settings for PM = 1
fXTAL1
fphc
4.194 MHz
2.097 MHz
4.915 MHz
2.458 MHz
8.192 MHz
2.048 MHz
9.830 MHz
2.458 MHz
phc
line
PHC
phc
f
f
360
K
⋅
°
=
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com