Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
37/77
9.14
Negative power accumulation (configuration bit ABS, status
bit
SIGN)
The ABS bits govern energy accumulation in case of negative power; they only affect active
power P and fundamental active power F.
The 3-ph status bit
SIGN depends upon 3-ph cumulative power direction while the phase
status bits
SIGNX depends upon phase X power direction.
Table 22 shows power calculation modes according to ABS
9.15
Phase delay calculation
The STPMC1 allows the calculation of the phase delays between voltages. If the line
frequency fline is 50 Hz, a 120° phase delay corresponds to 6.7 ms.
Table 21.
LED pin configuration for APL = 2, 3
APL (2 bits)
KMOT (2 bits)
LED energy output
Phase
Freq
2
-
Active energy wide band P
3-ph
C
3
0
Active energy wide band P
3-ph
C/64
1C/128
2C/32
3C/256
Table 22.
Accumulation mode for negative power
ABS
(2 bits)
Accumulation mode
Power calculation
3-ph
SIGN
MA - MB
0
3-phase Ferraris mode
PΣ = PR + PS + PT
PΣ < 0 → SIGN = 0
PΣ ≥ 0 → SIGN = 1
PΣ < 0 → MA and MB low
PΣ ≥ 0 → see Figure 12
1
Absolute accumulation per
phase
PΣ = |PR| + |PS| + |PT|PΣ ≥ 0 → SIGN = 1 PΣ ≥ 0 → see Figure 12
2
Ferraris mode per phase
if PX < 0 → PX = 0
PΣ = PR + PS + PT
PΣ ≥ 0 → SIGN = 1 PΣ ≥ 0 → see Figure 12
3
Signed accumulation
PΣ = PR + PS + PT
PΣ < 0 → SIGN = 0
PΣ ≥ 0 → SIGN = 1
PΣ < 0 → see Figure 12
PΣ ≥ 0 → see Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com