Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Theory of operation
STPMC1
60/77
Doc ID 15728 Rev 6
to boost the VCC supply voltage of the STPMC1 to generate the VOTP voltage (14 V to 20
V) needed to program the OTP antifuse elements.
WE (write Enable): This mode signal is used to permanently write to the OTP antifuse
element. When this bit is not set, any write to the configuration bit is recorded in the shadow
latches. When this bit is set the writing is recorded both in the shadow latch and in the OTP
antifuse element.
Precharge: this command increments the index register while reading. After reading a 32-
bit data record it is possible to access next group data records by sending this command.
This way, a faster access to later groups is possible.
TSG0: In standalone mode it is possible to produce a data latching request by a pulse on
test signal TSG0. In fact in such configuration is not possible to latch internal data into
transmission latches because the SYN is an output pin as long as SCS is in idle state and it
is under control of an indicator signal of negative power.
After TSTD configuration bit is set, only the precharge and TSGx commands can be
executed.
9.21
SPI interface (configuration bit SCLP)
The SPI interface supports a simple serial protocol, which is implemented in order to enable
a communication between some master system (microcontroller or PC) and the device.
Three tasks can be performed with this interface:
●
remotely resetting the device,
●
reading data records,
●
writing the mode bits and the configuration bits (temporarily or permanently);
Four pins of the device are dedicated to this purpose: SCS, SYN, SCLNCN, SDATD. SCS,
SYN and SCLNLC are all input pins while SDATD can be input or output according if the
SPI is in write or read mode. A high level signal for these pins means a voltage level higher
than 0.75 x VCC, while a low level signal means a voltage value lower than 0.25 x VCC.
The STPMC1 internal registers are not directly accessible, rather a 32-bit of transmission
latches are used to pre-load the data before being read or written to the internal registers.
The condition in which SCS, SYN and SCLNLC inputs are set to high level determines the
idle state of the SPI interface and no data transfer occurs.
As previously described in the document, when the STPMC1 is in standalone mode, SYN,
SCLNLC and SDATD can provide information on the meter status (see programmable pin
functions) and are not used for SPI communication. In this section, the SYN, SCLNLC and
SDATD operation as part of the SPI interface is described.
SCS: when low, SCS pin enables SPI communication, both in standalone and in peripheral
operating mode. This means that the master can abort any task in any phase by
deactivation of SCS. In standalone mode SCS high enables SYN, SCLNLC and SDATD to
output meter status.
SYN: this pin operates different functions according to the status of SCS pin. When SCS is
low the SYN pin status select if the SPI is in read (SYN = 1) or write mode (SYN = 0). When
SCS is high and SYN is also high the results of the input or output data are transferred to
the transmission latches.
SCLNLC: it is basically the clock pin of the SPI interface. Configuration bit SCLP controls
the polarity of the clock (see configuration bits map). This pin function is also controlled by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com