Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
35/77
APL = 1:
MOP/MON provides stepper motor driving signals from 3-phase active energy wide band
register with frequency CM related to C (number of pulses on LED pin, see par.
9.11)
according to
Table 20.
LED pin provides 3-phase energy pulses according to
Table 19 with frequency C not related
to KMOT.
9.13
Driving a stepper motor - standalone operating mode
(configuration bits: APL, LVS, KMOT)
When used in standalone mode (APL[1] = 1), the STPMC1 is able to directly drive a stepper
motor.
Table 18.
LED pin configuration for APL = 0
LVS (1 bit)
FUND (1 bit)
KMOT (2 bits)
LED energy output
Phase
Freq
00
0
Active energy wide band P
3-ph
C (1)
1R
2S
3T
01
0
Active energy fundamental F
3-ph
C
1R
2S
3T
10
0
Reactive energy wide band Q
3-ph
C
1R
2S
3T
11
0
Reactive energy fundamental R
3-ph
C
1R
2S
3T
1.
C is the number of pulses per kWh set with calibration.
Table 19.
LED pin configuration for APL = 1
LVS (1 bit)
FUND (1 bit)
LED energy output
Phase
Freq
0
0
Active energy wide band P
3-ph
C
0
1
Active energy fundamental F
1
0
Reactive energy wide band Q
1
1
Reactive energy fundamental R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com