Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics STPMC1 Datasheet HTML 66Page - STMicroelectronics STPMC1 Datasheet HTML 67Page - STMicroelectronics STPMC1 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
Theory of operation
STPMC1
64/77
Doc ID 15728 Rev 6
Example 18: Setting a configuration bit
To set the configuration bit 47 (part of the R-phase current channel calibrator) to 0, we
must convert the decimal 47 to its 7-bit binary value: 0101111. The byte command is
then composed like this:
1 bit DATA value+7-bits address = 10101111 (0xAF)
The same procedure should be applied for the mode signals, but in this case the 7-bits
address must be taken from the relative
Table 34.
The lsb of command is also called EXE bit because instead of a data bit value, the
corresponding serial clock pulse is used to generate the necessary latching signal. This way
the writing mechanism does not need the measurement clock in order to operate, which
makes the operation of SPI module of STPMC1 completely independent from the rest of
device logic except from the signal POR.
Commands for changing system signals should be sent during active signals SCS and SYN
as it is shown in
Figure 24. The SYN must be put low in order to disable SDATD output
driver of STPMC1 and make the SDATD as an input pin. A string of commands can be send
within one period of active signals SCS and SYN or command can be followed by reading
the data record but, in this case, the SYN should be deactivated in order to enable SDATD
output driver and a SYN pulse should be applied before activation of SCS in order to latch
the data.
t1 −> t2 (> 30 ns): SPI out of idle state
t2 −> t3 (> 30 ns): SPI enabled for write operation
Table 35.
Functional description of commands
Bit pos.
76543210
Command
(X, D, A = {0, 1})
D0000000
CFG000=D, (shadow of first configurator, TSTD)
DAAAAAAA
CFGa=D,
(shadow of any configurator, a = AAAAAA2 < 11100002)
D1101111
CFG111=D, (shadow of last configurator, CHK)
Figure 24.
Timing for writing configuration and mode bits
t
1
t
2
t
3
t
4
t
5
t
6
t
8
t
9
t
7
SCLNLC
SYN
SCS
SDATD
t
1
t
2
t
3
t
4
t
5
t
6
t
8
t
9
t
7
SCLNLC
SYN
SCS
SDATD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com