Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Theory of operation
STPMC1
34/77
Doc ID 15728 Rev 6
Example 10: energy registers LSB value for SYS = 0, 1, 2, 4, 5, 6, 7
C = 64000 pulses/kWh = 17.7 Hz*kW
KP = KF = 15.258 *10-6 Wh
KQ = KR = 15.258 *10-6 VArh
This means that the reading of 0x00001 in the active energy register represents 15.258
µWh, while 0xFFFFF represents 16 Wh.
Example 11: Energy registers LSB value for SYS = 3
C = 64000 pulses/kWh = 17.7 Hz*kW
KP = 15.258 *10-6 Wh
KF = 30.517 *10-6 Wh
KQ = KR = 30.517 *10-6 VArh
From 3-phase active energy wide band signal the stepper driving signals
MA and MB
(output from MOP and MON pins) are generated. The frequency of these signals can be
configured as shown in paragraph
9.13.
9.12
Using STPMC1 in microcontroller based meter - peripheral
operating mode (configuration bits: APL, KMOT, LVS, FUND)
The higher flexibility of the STPMC1 allows its use in microcontroller based energy meters.
In this case the STPMC1 must be programmed to work in peripheral mode setting bit APL
[1] = 0. All the SPI pins (SCS, SCLNCL, SDATD, SYN) are used only for communication
purposes, allowing the microcontroller to write and read the internal STPMC1 registers.
The peripheral mode has two further different configuration modes according to the status of
the APL configuration bit, which changes the function of MOP, MON and LED pins as
described below.
APL = 0:
In the MOP pin, the
ZCR signal is available (see paragraph 9.5 for details on ZCR signal);
The pin MON provides the WatchDOG signal. The DOG signal generates a 16 ms long
positive pulse every 1.6 seconds. Generation of these pulses can be suspended if data are
read in intervals shorter than 1.6 ms. The DOG signal is actually a watchdog reset signal
that can be used to control an operation of an on-board microcontroller. It is set to high
whenever the VCC voltage is below 2.5 V, but after VCC goes above 2.5 V this signal starts to
run.
It is expected that an application microcontroller should access the data in the metering
device on regular basis, at least 1/s (recommended is 32/s). Every latching of results in the
metering device requested from the microcontroller also resets the watchdog. If latching
requests does not follow each other within 1.6 second, an active high pulse on MON is
produced, because device assumes that microcontroller does not operate properly. This
signal can be either control the RESET pin of the microcontroller or it can be tied to some
interrupt pin. The second chance is recommended for a battery backup application which
can enter some sleep mode due to power down condition and should not be reset by
metering device.
The LED pin can be configured through LVS, FUND and KMOT to output different energy
signals, as shown in the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com