Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 9Page - STMicroelectronics STPMC1 Datasheet HTML 10Page - STMicroelectronics STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics STPMC1 Datasheet HTML 16Page - STMicroelectronics STPMC1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
STPMC1
Electrical characteristics
Doc ID 15728 Rev 6
13/77
6
Electrical characteristics
(VCC = 5 V, TA= - 40 to + 85 °C, 100 nF across VCC and VSS; 1 µF across VDD and VSSA,
unless otherwise specified).
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Energy measurement accuracy
fBW
Effective bandwidth
Limited by digital filtering
5400
Hz
General Section
VCC
Operating supply voltage
3.17
5.5
V
ICC
Supply current. Configuration
registers cleared or device
locked
fXTAL1 =4.194MHz;
VCC=3.2V; CL=100nF; no
loads
567
mA
ΔICC
Increase of supply current per
configuration bit, during
programming
fXTAL1 =4.194MHz; VCC=3.2V
100
µA/bit
POR
Power on reset on VCC
fXTAL1 =4.194MHz
2.5
V
VDD
Digital supply voltage
1.70
1.80
1.90
V
VOTP
OTP programming voltage
14
20
V
IOTP
OTP programming current per
bit
Single bit programming
5
mA
tOTP
OTP programming time per bit
Single bit programming
500
µs
ILATCH
Current injection latch-up
immunity
300
mA
Digital I/O (DAH, DAR, DAS, DAT, DAN, CLK, SDA, SCS, SYN, LED)
VIH
Input high voltage
Other pins
0.75VCC
V
VIL
Input low voltage
Other pins
0.25VCC
V
VOH
Output high voltage
IO=-2mA
VCC-0.4
V
VOL
Output low voltage
IO=+2mA
0.4
V
IUP
Pull up current
15
µA
tTR
Transition time
CLOAD=50pF, VCC =5V
10
ns
Power I/O (MOP, MON)
VOH
Output high voltage
IO=-16mA
0.9VCC
V
VOL
Output low voltage
IO=+16mA
0.1VCC
V
tTR
Transition time
CLOAD=50pF, VCC =5V
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com