Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 53Page - STMicroelectronics STPMC1 Datasheet HTML 54Page - STMicroelectronics STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
57/77
Address
Name
N. of
bits
Description
IMPORTANT: The decimal value indicated in this column represents
the value of the configuration bits with MSB in bold.
7-BIT
Binary
DEC
0010101
21
PM
1
Precision meter:
- PM=0: Class 1,
- PM=1: Class 0.1
0010110
22
FR1
1
Selection of measurement clock value:
- FR1=0: f
MCLK =8.192 MHz,
- FR1=1: f
MCLK =9.8304 MHz
0010111
0011000
0011001
0011010
0011011
0011100
0011101
0011110
0011111
23
24
25
26
27
28
29
30
31
CCA
9
- PM=0, TCS=0: Mutual current influence compensation data A
SYS = 0, 1, 2, 3
SYS = 4, 5, 6, 7
CCA[8] = sign
α
CCA[8] = sign
α
CCA[7] = sign
β
CCA[7..0] =
α
CCA[6] = sign
γ
CCA[5..0] =
α
- PM=1: Calibration extenders for voltage and phase
CCA[8..7] = CvT
CCA[6..5] = CvS
CCA[4..3] = CvR
CCA[1..0] = CpC
0100000
0100001
0100010
0100011
0100100
0100101
0100110
0100111
32
33
34
35
36
37
38
39
CIN
8
Calibration data for current channel of neutral conductor
0101000
0101001
0101010
0101011
0101100
0101101
0101110
0101111
40
41
42
43
44
45
46
47
CIR
8
Calibration data for current channel of phase R
0110000
0110001
0110010
0110011
0110100
0110101
0110110
0110111
48
49
50
51
52
53
54
55
CIS
8
Calibration data for current channel of phase S
0111000
0111001
0111010
0111011
0111100
0111101
0111110
0111111
56
57
58
59
60
61
62
63
CIT
8
Calibration data for current channel of phase T
Table 33.
Configuration bits map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com