Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 27Page - STMicroelectronics STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
31/77
Example 6: 3-ph system - BCS = 1
Let us consider a three-phase, four wires system where:
IR = 5 A
IS = 5 A
IT = 3.2 A
IN = 0 A
The tamper is evaluated because
IR + IS +IT +IN = 13.2 A > 0,703125 A = IMAX / 256
In this case
sIRMS = 0,449901 A > 0,4125 A = (IR + IS +IT +IN) / 32
Then BCS = 1.
Example 7: 1-ph system - BCS = 0
Let us consider a single phase systems with only S and T wires connected where
IS= 5 A
IT = 4 A
IMAX = 180 A
In this case the criterion for tamper evaluation is verified since:
(IS + IT) = 9 A > 0,703125 A = IMAX / 256
But BCS = 0 because
7/9 IT = 3.11 A < IS = 5 A < 9/7 IT = 5.14 A
and
7/9 IS = 3.88 A < IT = 4 A < 9/7 IS = 6.43 A
Example 8: 1-ph system - BCS = 1
Let us consider the case in which:
IS = 5 A
IT = 3 A
IMAX = 180 A
Also in this case the criterion for tamper evaluation is verified:
(IS + IT) = 8 A > 0,703125 A = IMAX / 256
Now BCS = 1 because
7/9 IS = 3.88 A > IT = 3 A
9.10.2
Phase sequence is wrong (status bit
BSF)
One tamper condition is that phase sequence is not correct. A 3-ph phase status bit
BSF
checks the sequence of phases, which, in a three phase system is one of the following:
●
R
→ S → T
●
S
→ T → R
●
T
→ R → S
In one of the above cases
BSF is cleared, otherwise bit BSF is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com