Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Theory of operation
STPMC1
40/77
Doc ID 15728 Rev 6
9.16
Calibration (configuration bits: PM, TCS, CIX, CVX, CCA,
CCB, CPX)
9.16.1
Voltage and current channels calibration
The 8-bit calibration values CVX and CIX (where X stands for N, R, S or T) are used as
static data for the channel
ΔΣ calibrators, multiplying their streams to the following factor:
KX = (4096 - 1024 + 4CXX)/4096
(± 12.5 %)
When configuration bit PM is set, a 2-bit CvX or CiX is appended to each CVX or CIX
respectively:
KX = (8192 - 1024 + 4CXX + CxX)/8192
(± 6.25 %)
CvX bits are part of the CCA configuration byte while CiX are part of CCB configuration
byte.
9.16.2
Phase compensation
The STPMC1 does not introduce any phase shift between voltage and current channel.
However, the voltage and current signals come from transducers, which could have inherent
phase errors. For example, a phase error of 0.1° to 0.3° is not uncommon for a current
transformer (CT). These phase errors can vary from part to part, and they must be corrected
in order to perform accurate power calculations. The errors associated with phase mismatch
are particularly noticeable at low power factors.
The STPMC1 provides a means of digitally calibrating these small phase errors introducing
some delay. The amount of phase compensation can be set per each phase using the 4 bits
of the phase calibration configurators (CPR, CPS, CPT).
A vector method of phase shift compensation is implemented.
The compensating voltage vector, which is produced from a frequency compensated signal
of integrated voltage vector multiplied by a given compensation constant per each phase
and is almost perpendicular to the input voltage vector, is subtracted from the input voltage
vector at the input of the decimation filter.
Those phase compensators are merged from a common coarse part CPC and from each
phase 4-bit phase error compensator CPX:
CPC[1] = 0: KPHC = - (16 CPC[0] + CPX)
CPC[1] = 1: KPHC = (16 - CPX)
When either PM or TCS are set, a 2-bit CpC is appended to CPC to produce the following
factor:
CPC[1] = 0: KPHC = - (32 CpC + 16 CPC[0] + CPX)
CPC[1] = 1: KPHC = [64 - (32 CpC + 16 CPC[0] + CPX)]
CpC bits are part of the CCA configuration byte.
The equation for phase compensation in degree is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com