Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
33/77
EMI tamper condition is not available as internal status signal, but it is available (in OR with
other tamper conditions) on the SDATD pin of the device.
In peripheral application mode it is possible to detect EMI tamper comparing the value of the
16-bit DCuN and of the 12-bit RMSuN to the threshold through a microcontroller.
9.11
Energy to frequency conversion (configuration bits: APL,
KMOT, LVS, FUND)
The STPMC1 provides energy to frequency conversion both for calibration and energy
readout purposes.
The three hard-wired xDSP, implemented as four 2-channel
ΔΣ signal processors perform all
calculations and produce output data and signals. Inside them, each three stage decimation
filter inputs a filtered
ΔΣ signal and its integral as parallel bus or stream to the power and
RMS computer. All three streams of power (active, reactive and active from the fundamental
harmonic) are connected to the corresponding integrators.
Within the integrators, all three powers are accumulated into energies of 20-bit values
according to configuration bit ABS and the results are converted into pulse train signals, the
frequency of which is proportional to the accumulated energies. Each of these signals can
be brought out to the LED pin.
Due to the innovative and proprietary power calculation algorithm the frequency signal is not
affected by any ripple at twice the line frequency. This feature strongly reduces the
calibration time of the meter.
Through calibration the meter is configured to provide a certain number of pulses per kWh
(referred to as power meter constant C) on the LED pin. According to the APL, KMOT, LVS
and FUND configuration bits, the frequency of LED signal can provide different information,
as shown in paragraphs
9.12 and 9.13.
Given C, the number of pulses per kWh provided, the relationship between the LSB value of
the source energy registers and the number of pulses provided to LED pin is indicated in the
table below:
Table 17.
Energy registers LSB value
Register
SYS = 0, 1, 2, 4, 5, 6, 7
SYS = 3
3-ph active energy wide band (P)
3-ph reactive energy wide band (Q)
3-ph active energy fundamental (F)
3-ph reactive energy fundamental (R)
K
P
1000
C2
10
⋅
----------------- Wh
[]
=
K
P
1000
C2
10
⋅
----------------- Wh
[]
=
K
Q
1000
C2
10
⋅
----------------- Varh
[]
=
K
Q
1000
C2
9
⋅
--------------- Varh
[]
=
K
F
1000
C2
10
⋅
----------------- Wh
[]
=
K
F
1000
C2
9
⋅
--------------- Wh
[]
=
K
R
1000
C2
10
⋅
----------------- Varh
[]
=
K
R
1000
C2
9
⋅
--------------- Varh
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com