Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 4Page - STMicroelectronics STPMC1 Datasheet HTML 5Page - STMicroelectronics STPMC1 Datasheet HTML 6Page - STMicroelectronics STPMC1 Datasheet HTML 7Page - STMicroelectronics STPMC1 Datasheet HTML 8Page - STMicroelectronics STPMC1 Datasheet HTML 9Page - STMicroelectronics STPMC1 Datasheet HTML 10Page - STMicroelectronics STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Pin configuration
STPMC1
8/77
Doc ID 15728 Rev 6
2
Pin configuration
Figure 2.
Pin connections (top view)
MOP
SCS
V
DD
V
SS
V
CC
LED
SDATD
SCLNLC
XTAL1
XTAL2
SYN
V
SSA
MON
V
OTP
DAH
DAR
CLK
DAN
DAT
DAS
MOP
SCS
V
DD
V
SS
V
CC
LED
SDATD
SCLNLC
XTAL1
XTAL2
SYN
V
SSA
MON
V
OTP
DAH
DAR
CLK
DAN
DAT
DAS
Table 2.
Pin description
Pin n°
Symbol
Type (1)
Name and function
1
MON
D / P O
Programmable output pin, see
Table 5
2
MOP
D / P O
Programmable output pin, see
Table 5
3
SCS
D I
Digital input pin, see
Table 5
4VDD
A O
1.8 V output of internal low drop regulator which supplies the digital core
5VSS
A GND
Ground level for pad-ring and power supply return
6VCC
P I
Supply voltage
7VOTP
P I
Supply voltage for OTP cells
8
DAH
D I
Input for non-multiplexed
ΔΣ signals
9
DAR
D I
Input for multiplexed
ΔΣ R-phase signals
10
DAS
D I
Input for multiplexed
ΔΣ S-phase signals
11
DAT
D I
Input for multiplexed
ΔΣ T-phase signals
12
DAN
D I
Input for multiplexed
ΔΣ PTAT and neutral signal
13
CLK
D O
2 mA clock output for STPMSx devices
14
VSSA
A GND
Ground level of core
15
SYN
D I/O
Programmable input/output pin, see
Table 5
16
XTAL2
A
Crystal oscillator pin
17
XTAL1
A
Crystal oscillator pin
18
SCLNLC
D I/O
Programmable input/output pin, see
Table 5
19
SDATD
D I/O
Programmable input/output pin, see
Table 5
20
LED
D O
Programmable output pin, see
Table 5
1.
A: Analog, D: Digital, P: Power, I: Input, O: Output, GND: Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com