Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
59/77
9.20
Mode signals
The STPMC1 includes 12 Mode signals located in the DRP and DFP registers, some are
used for internal testing purposes while others are useful to change some of the operation of
the STPMC1. The mode signals are not retained when the STPMC1 supply is not available
and then they are cleared when a POR occurs, while they are not cleared when a remote
reset command (RRR) is sent through SPI.
The mode signal bit can be written using the normal writing procedure of the SPI interface
(see SPI section).
In the table below the commands to change mode signals are given.
RD mode signal has been already described in paragraph
9.19 but there is another implied
function of the signal RD. When it is set, each sense amplifier is disconnected from
corresponding antifuse element and this way, its 3 V NMOS gate is protected from the high
voltage of VOTP during permanent write operation. This means that as long as the VOTP
voltage reads more than 3 V, the signal RD should be set.
PUMP: when set, the PUMP mode signal transform the MOP and MON pins to act as
driving signals to implement a charge-pump DC-DC converter. This feature is useful in order
Address
Name
N. of
bits
Description
IMPORTANT: The decimal value indicated in this column represents
the value of the configuration bits with MSB in bold.
7-BIT
Binary
DEC
1101110
110
ENH
1
Fifth data input enable:
- ENH=0: Voltage#0=DAN,
- ENH=1: Voltage#0=DAH
1101111
111
CHK
1
Reserved – Must be always set to 1
Table 33.
Configuration bits map (continued)
Table 34.
Mode signals description
Bit pos.
76543210
REGISTER
Functional description of commands for changing system signals
(X, D, A = {0, 1})
D1110000
DRP
TSG0=D,
Controls the transmission latches when APL>1
D1110001
DRP
TSG1=D
Reserved
D1110010
DRP
TSG2=D
Reserved
D1110011
DRP
TSG3=D
Reserved
D1111000
DFP
BANK=D
Reserved
D1111001
DFP
PUMP=D
Charge pump mode of MOP:MON switch ON/OFF signal
D1111010
DFP
TST0=D
Reserved
D1111011
DFP
TST1=D
Reserved
D1111100
DFP
TST2=D
Reserved
D1111101
DFP
RD=D
Read disable of OTP block, CFG = (RD == 0)? OTP: shadow
D1111110
DFP
WE=D
Write enable, WE = 1 execute permanent write to OTP cell
X1111111
DFP
Precharge
Increments group data record pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com