Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 21Page - STMicroelectronics STPMC1 Datasheet HTML 22Page - STMicroelectronics STPMC1 Datasheet HTML 23Page - STMicroelectronics STPMC1 Datasheet HTML 24Page - STMicroelectronics STPMC1 Datasheet HTML 25Page - STMicroelectronics STPMC1 Datasheet HTML 26Page - STMicroelectronics STPMC1 Datasheet HTML 27Page - STMicroelectronics STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
25/77
If the counted number of fMCLK/8 pulses between two trailing edges of LIN is lower than the
216 equivalent pulses, the base frequency exceeds the upper limit. In this case, such error
must be repeated three times, in order to set the error flag
BFR, as shown in Figure 10.
The in-band base frequency resets the flag
BFR. If BFR is cleared, the measured period
value is latched, otherwise a default value of period is used as a stable data to compute
frequency needed to adapt the decimation filter and to perform frequency compensation of
reactive energy and RMS current IX in case of non Rogowski current sensor.
The
BFR flag is also set if the register value of the RMS is too low. In this case also the
status bit
LOW is set.
The condition for setting
LOW and consequently BFR of each phase is UX < UXmax/32
(UXmax = 2
12) it means if the U
X register drops below 128 LOW and BFR are cleared when
the register value goes above 256 (UX > UXmax/16). BFR, then, gives also information about
the presence of the line voltage.
When the
BFR error is set, the computation of power is zero and the energy registers
(active, reactive and fundamental) are blocked, unless single wire mode operation is entered
(see
Section 9.7).
When the MOP, MON and LED pins are configured to provide the pulsed energy information
they are held low if
BFR is set.
The 3-ph status bit
BFF is the OR of each phase bit BFR.
9.7
Single wire operation mode: SWM (status bits:
NAH, BFR,
configuration bit FRS)
The STPMC1 supports single wire meter (SWM) operation. In this condition, since there is
no voltage information, the current RMS values, instead of the energies, are accumulated in
20-bit dedicated registers located in ACR, ACS, ACT (20-bit accumulator of RMS IX per hour
[Ah]).
Figure 10.
LIN and BFR behavior when fline > fMCLK/2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com