Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 103Page - Advanced Micro Devices AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices AM186 Datasheet HTML 108Page - Advanced Micro Devices AM186 Datasheet HTML 109Page - Advanced Micro Devices AM186 Datasheet HTML 110Page - Advanced Micro Devices AM186 Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
Am186™CC Communications Controller Data Sheet
Index-1
INDEX
A
A17/PIO7, 30
A18/PIO8, 30
A19/PIO9, 30
absolute maximum ratings, 60
active mode
clock waveforms, 95
AD15–AD8, 30
AD7–AD0, 30
address bus
Am186ER
disable in effect, 42
normal operation, 42
Am188ER
disable in effect, 43
ALE, 31
alphabetic PIO pin assignments, 36
ambient temperatures
ambient, 62
PQFP with four-to-six layer board, 65
PQFP with two-layer board, 63
TQFP with four-to-six layer boards, 66
TQFP with two-layer board, 64
AO15–AO8, 30
application considerations, 14
ARDY, 31
asynchronous ready waveforms, 97
asynchronous serial port, 56
B
BHE/ADEN, 31
block diagram
Am186ER, 2
Am188ER, 3
bus cycle encoding, 37
bus hold waveforms
entering, 101
leaving, 101
bus interface unit, 41
bus operation, 41
byte write enables, 41
C
chip-select
low memory, 51
overlap, 51
timing, 49
unit, 49
upper memory, 51
chip-selects
midrange memory, 51
peripheral, 52
CLKOUTA, 31
CLKOUTB, 31
clock (25 MHz), 92
clock (33 MHz), 93
clock (40 and 50 MHz), 94
clock and power management, 44
clock frequencies
minimum and maximum, 44
clock generation, 14
clock organization, 48
clock source
crystal driven, 45
clock waveforms
active mode, 95
power-save mode, 95
clocking modes, 39
commercial operating ranges, 60
comparison
Am186ER and 80C186 microcontrollers, 15
crystal
selecting, 45
crystal-driven clock source, 45
customer support, 13
documentation and literature, 13
hotline and web, 13
literature ordering, 13
third-party development support products, 13
web home page, 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com