Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices AM186 Datasheet HTML 108Page - Advanced Micro Devices AM186 Datasheet HTML 109Page - Advanced Micro Devices AM186 Datasheet HTML 110Page - Advanced Micro Devices AM186 Datasheet HTML 111Page - Advanced Micro Devices AM186 Datasheet HTML 112Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
Am186™CC Communications Controller Data Sheet
Index-5
synchronous serial interface (25 and 33 MHz), 102
synchronous serial interface (40 and 50 MHz), 102
write cycle (25 and 33 MHz), 72–73
write cycle (40 and 50 MHz), 74, 76
switching parameter symbols
alphabetical key, 68
numerical key, 69
switching waveforms
key, 67
synchronous ready waveforms, 97
synchronous serial interface, 56
multiple read, 58
multiple write, 58
synchronous serial interface (25 and 33 MHz), 102
synchronous serial interface (40 and 50 MHz), 102
synchronous serial interface waveforms, 103
T
thermal characteristics, 61
thermal characteristics equations, 61
thermal resistance, 61
thin quad flat pack, 104
third-party development support products, 13
timer control unit, 53
TMRIN0/PIO11, 38
TMRIN1/PIO0, 38
TMROUT0/PIO10, 38
TMROUT1/PIO1, 38
TQFP connection diagram and pinouts
Am186ER, 16
Am188ER, 19
TQFP package, 61
TQFP physical dimensions, 104
TQFP pin assignments
Am186ER, 19
sorted by pin name, 18
sorted by pin number, 17
Am188ER
sorted by pin name, 21
sorted by pin number, 20
two-component address, 40
TXD/PIO27, 38
typical ambient temperatures, 62
U
UCS/ONCE1, 38
upper memory chip select, 51
UZI/CLKSEL2/PIO26, 38
V
VCC, 39
W
watchdog timer, 54
waveform
internal RAM show read, 77
waveforms, 67
asynchronous ready, 97
bus hold
entering, 101
leaving, 101
interrupt acknowledge cycle, 89
peripheral, 98
PSRAM read cycle, 80
PSRAM refresh cycle, 86
PSRAM write cycle, 83
read cycle, 72
reset, 100
signals related to reset, 100
software halt cycle, 91
SSI, 103
synchronous ready, 97
synchronous serial interface, 103
write cycle, 75
WB (Am188ER microcontroller only), 39
WHB, 39
WLB (Am186ER microcontroller only), 39
world wide web support, 13
WR, 39
write cycle waveforms, 75
www
home page, 13
support, 13
X
X1, 39
X2, 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com