Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices AM186 Datasheet HTML 108Page - Advanced Micro Devices AM186 Datasheet HTML 109Page - Advanced Micro Devices AM186 Datasheet HTML 110Page - Advanced Micro Devices AM186 Datasheet HTML 111Page - Advanced Micro Devices AM186 Datasheet HTML 112Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Index-2
Am186™CC Communications Controller Data Sheet
D
DC characteristics, 60
demonstration board products, 13
DEN/PIO5, 31
description, 1
functional, 40
direct memory access, 54
DMA
Am186ER maximum transfer rates, 55
asynchronous serial port transfers, 55
channel control registers, 55–56
operation, 55
priority, 55–56
transfers through serial port, 56
unit block diagram, 56
documentation
See customer support.
DRQ1–DRQ0, 32
DT/R/PIO4, 32
E
emulator and debug modes, 52
internal memory disable, 52
show read enable, 52
external source clock, 45
F
features
3.3-V operation with 5-V-tolerant I/O, 14
available native development tools, applications, and
system software, 1
enhanced bus interface, 1
enhanced functionality, 1, 14
enhanced integrated peripherals, 1
enhanced performance, 14
faster access to memory and clock input modes, 1
integrated RAM, 14
memory integration, 1
software-compatible, 1
x86 software compatibility, 14
four-pin interface, 57
functional description, 40
G
GND, 32
H
HLDA, 32
HOLD, 32
hotline and world wide web support, 13
I
I/O circuitry, 59
I/O space, 40
industrial operating ranges, 60
initialization and processor reset, 48
input/output circuitry, 59
INT0, 32
INT1/SELECT, 32
INT2/INTA0/PIO31, 33
INT3/INTA1/IRQ, 33
INT4/PIO30, 33
interaction with external RAM, 52
internal memory, 52
internal memory disable, 52
internal RAM show read cycle waveform, 77
interrupt acknowledge cycle (25 and 33 MHz), 87
interrupt acknowledge cycle (40 and 50 MHz), 88
interrupt acknowledge cycle waveforms, 89
interrupt control unit, 53
programming, 53
J
junction temperature calculation, 62
L
LCS/ONCE0, 33
literature
See customer support.
logic diagram
ARDY and SRDY synchronization, 49
low memory chip select, 51
low-voltage operation, 57
low-voltage standard, 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com