Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 104Page - Advanced Micro Devices AM186 Datasheet HTML 105Page - Advanced Micro Devices AM186 Datasheet HTML 106Page - Advanced Micro Devices AM186 Datasheet HTML 107Page - Advanced Micro Devices AM186 Datasheet HTML 108Page - Advanced Micro Devices AM186 Datasheet HTML 109Page - Advanced Micro Devices AM186 Datasheet HTML 110Page - Advanced Micro Devices AM186 Datasheet HTML 111Page - Advanced Micro Devices AM186 Datasheet HTML 112Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
Index-4
Am186™CC Communications Controller Data Sheet
PLL, 44
power consumption calculation, 62
power savings, 59
power-save mode
clock waveforms, 95
power-save operation, 48
PQFP connection diagram and pinouts
Am186ER, 22
Am188ER, 25
PQFP physical dimensions, 105
PQFP pin assignments
Am186ER
sorted by pin name, 24
sorted by pin number, 23
Am188ER
sorted by pin name, 27
sorted by pin number, 26
programmable I/O (PIO) pins, 57
programming
interrupt control unit, 53
ready and wait-state, 49
pseudo static RAM
support, 44
PSRAM
support, 44
PSRAM read cycle (25 and 33 MHz), 78
PSRAM read cycle (40 and 50 MHz), 79
PSRAM read cycle waveforms, 80
PSRAM refresh cycle (25 and 33 MHz), 84
PSRAM refresh cycle (40 and 50 MHz), 85
PSRAM refresh cycle waveforms, 86
PSRAM write cycle
waveforms, 83
PSRAM write cycle (25 and 33 MHz), 81
PSRAM write cycle (40 and 50 MHz), 82
R
RAM
interaction with external, 52
RD, 35
read cycle waveforms, 72
ready and peripheral timing (25 and 33 MHz), 96
ready and peripheral timing (40 and 50 MHz), 96
ready and wait-state programming, 49
refresh control unit, 53
related documents, 13
RES, 35
reset
initialization and processor, 48
reset and bus hold (25 and 33 MHz), 99
reset and bus hold (40 and 50 MHz), 99
reset configuration register, 48
reset waveforms, 100
related signals, 100
revision history, 10
RFSH2/ADEN, 35
RXD/PIO28, 35
S
S0/SREN, 37
S1/IMDIS, 37
S2, 35
S6/CLKSEL1/PIO29, 37
SCLK/PIO20, 37
SDATA/PIO21, 37
SDEN0/PIO22, 37
SDEN1/PIO23, 37
serial ports
DMA transfers, 55
software halt cycle (25 and 33 MHz), 90
software halt cycle (40 and 50 MHz), 90
software halt cycle waveforms, 91
source clock
external, 45
SRDY/PIO6, 38
SSI, 102
multiple read, 58
multiple write, 58
waveforms, 103
support, 13
switching characteristics
clock (25 MHz), 92
clock (33 MHz), 93
clock (40 and 50 MHz), 94
commercial, 67
industrial, 67
internal RAM show read cycle (25 and 33 MHz), 76
interrupt acknowledge cycle (25 and 33 MHz), 87
interrupt acknowledge cycle (40 and 50 MHz), 88
PSRAM read cycle (25 and 33 MHz), 78
PSRAM read cycle (40 and 50 MHz), 79
PSRAM refresh cycle (25 and 33 MHz), 84
PSRAM refresh cycle (40 and 50 MHz), 85
PSRAM write cycle (25 and 33 MHz), 81
PSRAM write cycle (40 and 50 MHz), 82
read cycle (25 and 33 MHz), 70
read cycle (40 and 50 MHz), 71
ready and peripheral timing (25 and 33 MHz), 96
ready and peripheral timing (40 and 50 MHz), 96
reset and bus hold (25 and 33 MHz), 99
reset and bus hold (40 and 50 MHz), 99
software halt cycle (25 and 33 MHz), 90
software halt cycle (40 and 50 MHz), 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com