Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 65 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 65 Page - ams AG

Back Button AS3543 Datasheet HTML 61Page - ams AG AS3543 Datasheet HTML 62Page - ams AG AS3543 Datasheet HTML 63Page - ams AG AS3543 Datasheet HTML 64Page - ams AG AS3543 Datasheet HTML 65Page - ams AG AS3543 Datasheet HTML 66Page - ams AG AS3543 Datasheet HTML 67Page - ams AG AS3543 Datasheet HTML 68Page - ams AG AS3543 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
64 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 56. AudioSet2 Register
Name
Base
Default
AudioSet2
2-wire serial
00h
Offset: 15h
Second Audio Set Register
Control of various audio blocks. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
BIAS_OFF
0
R/W
Power-down of the AGND bias if only digital data transfer and
PMU functions are used.
0: bias enabled
1: bias disabled, for power saving in non audio mode
6
SUM_OFF
0
R/W
0: Mixer stage enabled
1: Mixer stage powered down
5
SUM_AGC_OFF
0
R/W
Switches the signal limiter OFF (N20/N21)
0: automatic gain control for summing stage enabled
1: automatic gain control for summing stage disabled
4
SUM_HP_HIQ
0
R/W
0: mixer and headphone stage in low power mode
1: mixer and headphone stage in high quality mode
3:2
GAIN_STEP<1:0>
00
R/W
Sets the transition time of the auto fading for the output stage
00: 2ms/step
01: 4ms/step
10: 8ms/step
11: auto fading off
1:0
VMICS<1:0>
00
R/W
Sets the microphone supply output voltage
00: AVDD17*20/17
01: AVDD17*20/22
10: AVDD17*20/27
11: AVDD17*20/32
Table 57. AudioSet3 Register
Name
Base
Default
AudioSet3
2-wire serial
00h
Offset: 16h
Third Audio Set Register
Control of mixer stage inputs and headphone. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
-
0
n/a
6
MICMIX_OFF
0
R/W
0: microphone input to ΣR and ΣL (N12/N13) on
1: microphone input to mixer disabled
5
-
0
n/a
4
ADCMIX_ON
0
R/W
0: ADC input to mixer disabled
1: ADC input to ΣR and ΣL (N12/N13) on
3
LINMIX_OFF
0
R/W
0: line input to ΣR and ΣL (N12/N13) on
1: line input to mixer disabled
2
HP_FASTSTART
0
R/W
0: normal operation
1: shortens delay for start-up when using 220nF on HPGND
1
HP_BIAS
0
R/W
0: 100%
1: 150%, increased bisas for lower noise and THD
0
HPCM_ON
0
R/W
0: headphone common mode buffer is switched off
1: headphone common mode buffer is powerd up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com