Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 20 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 20 Page - ams AG

Back Button AS3543 Datasheet HTML 16Page - ams AG AS3543 Datasheet HTML 17Page - ams AG AS3543 Datasheet HTML 18Page - ams AG AS3543 Datasheet HTML 19Page - ams AG AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG AS3543 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
19 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
8.2.7
Register Description
8.3
Line Output
8.3.1
General
The line output is designed to provide the audio signal with a typical VPEAK level at a load of minimum 10kΩ, which is a
minimum value for line inputs. If the limiters (N20/N21) are deactivated the peak output voltage is AVDD17/2 Vp.
This AFE has a combined output stage for headphone and line output with an independent gain regulation for left and
right channel with 32 steps @ 1.5dB each. The gain can be set from -40.5dB to +6dB.
If the line output is not enabled, the volume settings are set to their default values. Changing of volume and mute con-
trol can only be done after enabling the output.
Figure 5. Line Output
8.3.2
Auto Fading
By setting a new output volume level, the stage does a automatic fading from the current gain setting to the new target.
Changing the input multiplexer from one source to another will be done by fadeing out to mute, source changing and
fading in of the new source to the target volume. Change from HPH-out to LINE-out is done by fading out of HPH-out
to mute and fading in of the LINE-out to the target volume.
The fading speed can be programmed to 3 different speed levels. The immediate response can be selected as 4th
state.
8.3.3
Ground Noise Cancelation
A separate ground input allows to connect a ground sense line direct from the dock connector ground or line out jack
shield to make the audio output independent from PCB ground noise.
Table 10. Microphone Input Related Register
Name
Base
Offset
Description
MIC_R
2-wire serial
06h
Right Microphone Input volume settings, AGC control
MIC_L
2-wire serial
07h
Left Microphone Input volume settings, MIC supply control
AudioSet1
2-wire serial
14h
Enable/disable driver stage
AudioSet3
2-wire serial
16h
Enable/disable mixer input
IRQENRD_1
2-wire serial
24h
Interrupt settings for microphone voice activation
IRQENRD_3
2-wire serial
26h
Interrupt settings for microphone detection
IRQENRD_4
2-wire serial
27h
Interrupt settings for remote button press detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com