Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 64 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 64 Page - ams AG

Back Button AS3543 Datasheet HTML 60Page - ams AG AS3543 Datasheet HTML 61Page - ams AG AS3543 Datasheet HTML 62Page - ams AG AS3543 Datasheet HTML 63Page - ams AG AS3543 Datasheet HTML 64Page - ams AG AS3543 Datasheet HTML 65Page - ams AG AS3543 Datasheet HTML 66Page - ams AG AS3543 Datasheet HTML 67Page - ams AG AS3543 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
63 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 54. DAC_IF Register
Name
Base
Default
DAC_IF
2-wire serial
00h
Offset: 12h
DAC Interface Register
Configures the DAC interface and digital gain on the I2S input stream.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
I2S_DIRECT
0
R/W
0: I2S master clock is generated by the internal PLL
1: signal on MCLK is used as I2S master clock
6
I2S_LOOP
0
R/W
0: normal operation
1: ADC output is connected to DAC input
5
I2S_ATTEN
0
R/W
0: normal operation
1: digital attenuation on I2S input data (SDI) enabled
4:0
SDI_ATTEN<4:0>
00000
R/W
digital volume settings I2S input data (SDI), adjustable in 32
steps @ 1.5dB; gain from SDI pin to DAC input
11111: -1.5 dB gain
11110: -3 dB gain
..
00001: -46.5 dB gain
00000: -48.0 dB gain
Table 55. AudioSet1 Register
Name
Base
Default
AudioSet1
2-wire serial
00h
Offset: 14h
First Audio Set Register
Powers the various audio inputs and outputs UP or DOWN.
Caution:
This control register resets and holds LineIn, DAC, and ADC related regis-
ters in reset. After activation the required register settings need to be re-
programmed.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
ADC_ON
0
R/W
0: ADC powered down
1: ADC enabled for recording
6
DAC_ON
0
R/W
0: DAC powered down
1: DAC enabled for playback
5
DAC_GST_ON
0
R/W
0: DAC gainstage powered down
1: DAC gainstage enabled (needed for playback via mixer)
4:3
-
00
n/a
2
LIN_ON
0
R/W
0: Line Input powered down
1: Line Input enabled
1
-
0
n/a
0
MIC_ON
0
R/W
0: Microphone Input powered down
1: Microphone Input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com