Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 55 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 55 Page - ams AG

Back Button AS3543 Datasheet HTML 51Page - ams AG AS3543 Datasheet HTML 52Page - ams AG AS3543 Datasheet HTML 53Page - ams AG AS3543 Datasheet HTML 54Page - ams AG AS3543 Datasheet HTML 55Page - ams AG AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
12h
DAC_IF
I2S_DIRECT
I2S_LOOP
I2S_ATTEN
0: NoAtten
1: AttenON
SDI_ATTEN<4:0>
Attenuation of I2S input data = -48dB...-1.5dB
13h
reserved
14h
AudioSet1
ADC_ON
DAC_ON
DAC_GST_ON
-
-
LIN_ON
-
MIC_ON
15h
AudioSet2
BIAS_OFF
SUM_OFF
SUM_AGC_OF
F
SUM_HP_HIQ
GAIN_STEP<1:0>
0: 2ms; 1: 4ms;
2: 8ms; 3: no control
VMICS<1:0>
0: VDD17*20/17, 1: VDD17*20/22
2: VDD17*20/27, 3: VDD17*20/32
16h
AudioSet3
-
MICMIX_OFF
-
ADCMIX_ON
LINMIX_OFF
HP_FASTSTAR
T
HP_BIAS
0: *1
1: *1.5
HPCM_ON
PMU Register
17h-1 CVDD1
PROG_CVDD1
VSEL_CVDD1>6:0>
0 … OFF
0x01 – 0x40: 0.6V + VSEL * 12.5mV -> (0.6125V – 1.400V)
0x41 – 0x70: 1.4V + (VSEL-0x40) * 25mV ->(1.425V – 2.600V)
0x71 – 0x7F: 2.6V + (VSEL-0x70) * 50mV -> (2.650V – 3.350V)
17h-2 CVDD2
PROG_CVDD2
VSEL_CVDD2<6:0>
0 … OFF
0x01 – 0x40: 0.6V + VSEL * 12.5mV -> (0.6125V – 1.400V)
0x41 – 0x70: 1.4V + (VSEL-0x40) * 25mV ->(1.425V – 2.600V)
0x71 – 0x7F: 2.6V + (VSEL-0x70) * 50mV -> (2.650V – 3.350V)
17h-3 reserved
17h-4 reserved
17h-5 reserved
17h-6 Hibernation
-
KEEP_PVDD2
KEEP_PVDD1
-
-
-
KEEP_CVDD2
KEEP_CVDD1
17h-7 DCDC_Cntr
CVDD2_fast
0: Cext=10uF
1: Cext=22uF
CVDD1_fast
0: Cext=10uF
1: Cext=22uF
CVDD2_freq
0: 2MHz
1: 1MHz
CVDD1_freq
0: 2MHz
1: 1MHz
DVM_CVDD2<1:0>
0: immediate;
1: 42us/step;
2: 166us/step;
3: 666us/step
DVM_CVDD1<1:0>
0: immediate;
1: 42us/step;
2: 166us/step;
3: 666us/step
18h-1 PVDD1
PVDD1_OFF
ILIM_H_PVDD1
0: 100mA
1: 200mA
PRG_PVDD1
VSEL_PVDD1<4:0>
0x00 – 0x0F: 1.2V + VSEL * 50mV -> (1.2V – 1.95V)
0x10 – 0x1F: 2.0V + (VSEL-0x10) * 100mV ->(2.0V – 3.5V)
18h-2 PVDD2
PVDD2_OFF
ILIM_H_PVDD2
0: 100mA
1: 200mA
PRG_PVDD2
VSEL_PVDD2<4:0>
0x00 – 0x0F: 1.2V + VSEL * 50mV -> (1.2V – 1.95V)
0x10 – 0x1F: 2.0V + (VSEL-0x10) * 100mV ->(2.0V – 3.5V)
18h-3 reserved
18h-4 reserved
18h-5 reserved
Table 43. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com