Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 57 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 57 Page - ams AG

Back Button AS3543 Datasheet HTML 53Page - ams AG AS3543 Datasheet HTML 54Page - ams AG AS3543 Datasheet HTML 55Page - ams AG AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG AS3543 Datasheet HTML 60Page - ams AG AS3543 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
1Ch
PMU_Enable
DC_TEST_MUX <3:0>
0: open; 1: AVDD27; 2: AVDD17;
3: PVDD1; 4: PVDD2; 5: CVDD1;
6: CVDD2; 7: RVDD; 8: FVDD;
9: PWGD; A-F: not defined
PMU_GATE
PMU_WR_ENABLE <2:0>
SubRegister addresses for registers:
0x17: DCDC regulators
0x18: LDOs regulators
0x19: Charger
0x1A: IO_clock_control
0x1B: BackLight_DCDC
System Register
20h
SYSTEM
Design_Version<3:0>
HB_WD_ON
JTEMP_OFF
I2C_WD_ON
PWR_HOLD
21h
SUPERVISOR
SD_TIME
0: 10s;
1: 5s
BVDDlow_SD_
OFF
VDD27-10%
-
JTEMP_SUP<4:0>
Temp_ShutDown = 140°C - JTEMP_SUP*5°C -> (140°C...- 15°C)
TEmp_IRQ = 120°C - JTEMP_SUP*5°C -> (120°C...-35°C)
22h
RAM &
WakeUp
1st write/read:
WAKE_UP_BYTE_0
128s
64s
32s
16s
8s
4s
2s
1s
2nd write/read:
WAKE_UP_BYTE_1
32ks
16ks
8ks
4ks
2ks
1ks
512s
256s
3rd write/read:
WAKE_UP_BYTE_2
WAKEUP_
ON
4Ms
2Ms
1Ms
512ks
256ks
128ks
64ks
4th to 19th write/read: non volatile memory bytes<0:15>
SRAM_128<0:15>
23h
IRQENRD_0
CVDD1_SD
CVDD1_IRQ
-
-
PVDD2_SD
PVDD2_IRQ
PVDD1_SD
PVDD1_IRQ
CVDD1_under
CVDD1_over
-
-
PVDD2_under
PVDD2_over
PVDD1_under
PVDD1_over
24h
IRQENRD_1
PWRUP_IRQ
WAKEUP_IRQ
MCLK_IRQ
-
-
-
CVDD2_SD
CVDD2_IRQ
CVDD2_under
CVDD2_over
25h
IRQENRD_2
BATTEMP_IRQ -
-
CHG_IRQ
-
USB_IRQ
RTC_WD
BVDD_LOW
CHG_EOC
CHG_CON
CHG_changed
USB_CON
USB_changed
26h
IRQENRD_3
JTEMP_HIGH
-
HP_OVC
-
I2S_IRQ
VOXM_IRQ
MIC_CON
HPH_CON
I2S_status
I2S_changed
27h
IRQENRD_4
T_DEB<1:0>
0: 512ms; 1: 256ms;
2: 128ms; 3: 8ms
AVDD27_IRQ
DCDC15_IRQ
-
REM_DET
RTC_UPDATE
ADC_EOC
AVDD27_under DCDC15_over
28h
RTC_Cntr
Free_Bits<3:0> to be used for application purpose
-
RTC_ON
OSC_ON
29h
RTC_Time
IRQ_MIN
TRTC<6:0>
2Ah
RTC_0
QRTC<7:0>
Table 43. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com