Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 54 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 54 Page - ams AG

Back Button AS3543 Datasheet HTML 50Page - ams AG AS3543 Datasheet HTML 51Page - ams AG AS3543 Datasheet HTML 52Page - ams AG AS3543 Datasheet HTML 53Page - ams AG AS3543 Datasheet HTML 54Page - ams AG AS3543 Datasheet HTML 55Page - ams AG AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
11 Register Definition
Table 43. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0
Audio Registers
00h
reserved
01h
reserved
02h
OUT_R
LOUT
0: HP;
1: LOUT
MUX_C<1:0>
0: SUM; 1: DAC;
2: LIN1(2); 3: MIC
OUTR_VOL<4:0>
Gain from MUX_C to HPR/LOUTR= -40.5dB...+6dB
03h
OUT_L
MUTE_K_ON
STAGE_ON
HPDET_ON
OUTL_VOL<4:0>
Gain from MUX_C to HPL/LOUTL= -40.5dB…+6dB
04h
reserved
05h
reserved
06h
MIC_R
MIC_MODE
0: MonoDiff
1: SingleEnd
PRE_GAIN<1:0>
0: 30dB; 1: 36dB;
2: 42dB; 3: reserved
MICR_VOL<4:0>
Gain from MicAmp (N4) to Mixer (N12) = -40.5dB...+6dB
07h
MIC_L
MSUP_OFF
MUTE_D_ON
-
MICL_VOL<4:0>
Gain from MicAmp (N4) to Mixer (N13) = -40.5dB...+6dB
08h
reserved
09h
reserved
0Ah
LINE_IN_R
LI_HIQ
0: LowPwr
1: HiQuality
MUX_E
0: LIN1
1: LIN2
MUTE_B_OFF
LIR_VOL<4:0>
Gain from MUX_E (N27) to Mixer (N10) = -40.5dB...+6dB
0Bh
LINE_IN_L
LO_DISCHG_O
FF
LI_MODE
0: stereo
1: mono
MUTE_G_OFF
LIL_VOL<4:0>
Gain from MUX_E (N28) to Mixer (N17) = -40.5dB...+6dB
0Ch
reserved
0Dh
reserved
0Eh
DAC_R
-
-
-
DAR_VOL<4:0>
Gain from DAC (N19) to Mixer (N23) = -40.5dB…+6dB
0Fh
DAC_L
-
-
MUTE_H_OFF
DAL_VOL<4:0>
Gain from DAC (N22) to Mixer (N26) = -40.5dB…+6dB
10h
ADC_R
MUX_A<1:0>
0: MIC; 1: LIN1;
2: LIN2; 3: SUM
-
ADR_VOL<4:0>
Gain from MUX_A to ADC/Mixer (N9) = -34.5dB...+12dB
11h
ADC_L
ADC_MODE<1:0>
0: Fdac/2; 1: Fdac/4;
2,3: Fdac/1
MUTE_A_OFF
ADL_VOL<4:0>
Gain from MUX_A to ADC/Mixer (N18) = -34.5dB...+12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com