Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 19 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 19 Page - ams AG

Back Button AS3543 Datasheet HTML 15Page - ams AG AS3543 Datasheet HTML 16Page - ams AG AS3543 Datasheet HTML 17Page - ams AG AS3543 Datasheet HTML 18Page - ams AG AS3543 Datasheet HTML 19Page - ams AG AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
18 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
8.2.4
Remote Control
Fast changes of the supply current of typically 500uA are detected as a remote button press, and an interrupt is gener-
ated. Then the CPU can start the measurement of the microphone supply current with the internal 10-bit ADC to distin-
guish which button was pressed. As the current measurement is done via an internal resistor, only two buttons
generating a current of about 0.5mA and 1mA can be detected. With this, 1mA as microphone bias is still available.
8.2.5
Voice Activation
Further a built-in voice activation comparator can actuate an interrupt if microphone input voltage of about 5mVRMS is
detected.
8.2.6
Parameter
AVDD17=1.7V, AVDD27=2.7V, TA= 25
o
C unless otherwise mentioned
Table 9. Microphone Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VMICIN0
Input Signal Level
AMICPRE = 30dB; AMIC = 0dB
20
mVP
VMICIN1
AMICPRE = 36dB; AMIC = 0dB
10
mVP
VMICIN2
AMICPRE = 42dB; AMIC = 0dB
5
mVP
RMICIN
Input Impedance
MICP, MICN to AGND
7.5
k
∆MICIN
Input Impedance Tolerance
-7
+33
%
CMICIN
Input Capacitance
5
pF
AMICPRE
Microphone Preamplifier
Gain
Preamplifier has 3 selectable (fixed)
gain settings
30
36
42
dB
AMIC
Programmable Gain
-40.5
+6
dB
Gain Steps
discrete logarithmic gain steps
1.5
dB
Gain Step Precision
±0.25
dB
VATTACK
Limiter Activation Level
0.57
VPEAK
VDECAY
Limiter Release Level
0.47
VPEAK
AMICLIMIT
Limiter Gain Overdrive
128 @ 0.375dB
30
36
42
dB
tATTACK
Limiter Attack Time
50
µs/6dB
tDECAY
Limiter Decay Time
120
ms/
6dB
AMICMUTE
Mute Attenuation
100
dB
VMICSUP
Microphone Supply Voltage
depending on V_MICS setting
2
1.55
1.26
1.06
V
IMICMAX
Max. Microphone Supply
Current
microphones nominally need a bias
current of 0.5mA-1mA
6.5
mA
VNOISE
Microphone Supply Voltage
Noise
5
µV
IMICDET
Microphone Detection
Current
50
µA
IREMDET
Max. Remote Detection
Current
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com