Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 34 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 34 Page - ams AG

Back Button AS3543 Datasheet HTML 30Page - ams AG AS3543 Datasheet HTML 31Page - ams AG AS3543 Datasheet HTML 32Page - ams AG AS3543 Datasheet HTML 33Page - ams AG AS3543 Datasheet HTML 34Page - ams AG AS3543 Datasheet HTML 35Page - ams AG AS3543 Datasheet HTML 36Page - ams AG AS3543 Datasheet HTML 37Page - ams AG AS3543 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
33 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
9.2
DCDC Step-Down Converter (2x)
9.2.1
General
These converters are meant to convert the battery voltage down to voltages which fit to the core and peripheral supply
voltage requirements for microprocessors.
input Voltage BVDDC1/2 (usually connected to the battery)
output Voltage CVDD1 & CVDD2
output voltage levels can be programmed independently form 0.61V to 3.35V
the default value at start-up is defined by VPRG1 and VPRG2 pin
DVM for both outputs with selectable timings
driver strength 250mA
under- and over-voltage detection
Figure 21. DCDC Step-Down Block Diagram
9.2.2
Functional Description
The step-down converter is a high efficiency fixed frequency current mode regulator. By using low resistance internal
PMOS and NMOS switches efficiency up to 97% can be achieved. The fast switching frequency allows using small
inductors, without increasing the current ripple. The unique feedback and regulation circuit guarantees optimum load
and line regulation over the whole output voltage range, up to an output current of 250mA, with an output capacitor of
only 10
µF. The implemented current limitation protects the DCDC and the coil during overload condition.
To achieve optimized performance in different applications, adjustable settings allow to compromise between high effi-
ciency and low input, output ripple:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com