Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 12 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 12 Page - ams AG

Back Button AS3543 Datasheet HTML 8Page - ams AG AS3543 Datasheet HTML 9Page - ams AG AS3543 Datasheet HTML 10Page - ams AG AS3543 Datasheet HTML 11Page - ams AG AS3543 Datasheet HTML 12Page - ams AG AS3543 Datasheet HTML 13Page - ams AG AS3543 Datasheet HTML 14Page - ams AG AS3543 Datasheet HTML 15Page - ams AG AS3543 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
11 - 91
AS3543 3v2
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
BVDD=+2.7V...+5.5V, TA =-20ºC...+85ºC. Typical values are at BVDD=+3.6V, TA=+25ºC, unless otherwise specified.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltages
BVDDx
Battery Supply Voltage
BVDD, BVDDBSW,
BVDDC1, BVDDC2,
BVDDP1
2.7
3.6
5.5
V
BVDDR
RTC secondary Supply
Voltage
1.2
5.5
V
VBUS
USB VBUS Voltage
5.0
5.5
V
CHGIN
Charger Supply Voltage
4.5
5.5
V
HPVDD
HP Supply Voltage
1.8
3.6
V
DVDD
Digital Periphery Supply
Voltage
1.8
2.9
3.6
V
VDD17IN
LDO1 Input Voltage
1.8
3.6
V
FVDD
Digital Supply Voltage
1.75
1.8
3.5
V
AVDD27
Analogue Supply Voltage
2.6
2.7
3.5
V
AVDD17
Analogue Supply Voltage
1.7
1.7
3.5
V
AGND
Analog Ground Voltage
Internally generated
AVDD17
/2
V
VDELTA-
Difference of Negative
Supplies
CVSS12, VSS15V, HPVSS,
AVSS, DVSS, VSS
To achieve good performance, the
negative supply terminals should be
connected to low impedance ground
plane.
-0.1
0.1
V
VDELTA+
Difference of Positive
Supplies
RVDD-AVDD27; AVDD17-AVDD27;
FVDD-AVDD27
0
V
AVDD27-HPVDD
0.3
V
BVDD-AVDD27
0.1
V
POR & Watchdog
VPOR_ON
Power-on Reset Activation
Level
Power-on Reset activation level when
DVDD decreases
2.15
V
VPOR_OFF
Power-on Reset Release
Level
Power-on Reset release when DVDD
increases
2.0
V
VPOR_HY
Power-on Hysteresis
100
mV
fLRCLK_WD
LRCLK Watchdog
2
4.1
8
kHz
PWRUP
tON_DELAY
Delay Time of pin PWRUP
Minimum key press time
30
ms
VPWRUP_L
Input Level LOW,
Pin PWRUP, BVDD>3V
0.5
V
VPWRUP_H
Input Level HIGH
Pin PWRUP, BVDD>3V
BVDD/
3
V
Pin PWRUP, BVDD<=3V
1
V
IPWRUP
Internal Pull-down Current
Source
Pin PWRUP; @2.9V
2.5
7
19
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com