Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 68 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 68 Page - ams AG

Back Button AS3543 Datasheet HTML 64Page - ams AG AS3543 Datasheet HTML 65Page - ams AG AS3543 Datasheet HTML 66Page - ams AG AS3543 Datasheet HTML 67Page - ams AG AS3543 Datasheet HTML 68Page - ams AG AS3543 Datasheet HTML 69Page - ams AG AS3543 Datasheet HTML 70Page - ams AG AS3543 Datasheet HTML 71Page - ams AG AS3543 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
67 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
3:2
DVM_CVDD2<1:0>
00
R/W
Configures the dynamic voltage management (output voltage
slope) for CVDD2
00: immediate change of the output voltage
01: 42us/step
02:166us/step
03: 666us/step
1:0
DVM_CVDD1<1:0>
00
R/W
Configures the dynamic voltage management (output voltage
slope) for CVDD1
00: immediate change of the output voltage
01: 42us/step
02:166us/step
03: 666us/step
Table 62. PVDD1 Register
Name
Base
Default
PVDD1
2-wire serial
00h
Offset: 18h-1
PVDD1 Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
PVDD1_OFF
0
R/W
Switches off PVDD1 regulator
0: normal mode
1: PVDD1 switched off
6
ILIM_H_PVDD1
0
R/W
Selects the higher current limit for PVDD1
0: default mode, 100mA
1: 200mA mode
5
PRG_PVDD1
0
R/W
Selects the output voltage control mode for PVDD1
0: PVDD1 is in default mode controlled by pin VPRG2
1: PVDD1 is register controlled (Reg. 18-1h)
4:0
VSEL_PVDD1<4:0>
00000
R/W
Sets the LDO output voltage in register control mode (default
voltage of the regulator is selcted by pin VPROG2)
0x00-0x0F: 1.2V+VSEL*50mV ->(1.2V - 1.95V)
0x10-0x1F: 2.0V + (VSEL-0x10)*100mV -> (2.0V-3.5V)
Table 61. DCDC_Cntr Register
Name
Base
Default
DCDC_Cntr
2-wire serial
00h
Offset: 17h-7
DC/DC Step Down Control Register
This is an extended register and needs to be enabled by writing 111b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com