Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 17 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 17 Page - ams AG

Back Button AS3543 Datasheet HTML 13Page - ams AG AS3543 Datasheet HTML 14Page - ams AG AS3543 Datasheet HTML 15Page - ams AG AS3543 Datasheet HTML 16Page - ams AG AS3543 Datasheet HTML 17Page - ams AG AS3543 Datasheet HTML 18Page - ams AG AS3543 Datasheet HTML 19Page - ams AG AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
16 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
8 Detailed Description - Audio Functions
8.1
Audio Line Inputs (2x)
8.1.1
General
The chip features two identical line inputs. The blocks can work in 2x mono single ended or in stereo single ended
mode.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each and
MUTE. The gain can be set from –40.5dB to +6dB. The stage is set to mute by default. If the line input is not enabled,
the volume settings are set to their default values. Changing the volume and mute control can only be done after
enabling the input.
Line Input 1 and 2 are sharing one gain stage.
Figure 3. Line Inputs
8.1.2
Parameter
AVDD17=1.7V, AVDD27=2.7V, TA= 25
o
C, unless otherwise mentioned
Table 7. Line Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLIN
Input Signal Level
Pls observe gain settings. Max.
peak levels at any node within the
circuit shall not exceed AVDD
AVDD17
/3
AVDD17
/2
VPEAK
RLIN
Input Impedance
depending on gain setting
8-25
k
∆RLIN
Input Impedance Tolerance
±30
%
CLIN
Input Capacitance
5
pF
ALIN
Programmable Gain
-40.5
+6
dB
Gain Steps
discrete logarithmic gain steps
1.5
dB
Gain Step Accuracy
±0.25
dB
ALINMUTE
Mute Attenuation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com