Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 23 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 23 Page - ams AG

Back Button AS3543 Datasheet HTML 19Page - ams AG AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG AS3543 Datasheet HTML 24Page - ams AG AS3543 Datasheet HTML 25Page - ams AG AS3543 Datasheet HTML 26Page - ams AG AS3543 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
22 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
Figure 9. Headphone Change Gain Settings
8.4.4
Headphone Detection
When the headphone amplifier is powered down, one can detect the connection of a headset. It only work if the
headset is connected between pins HPR/HPL and HPCM. As long as the headphone amplifier is powered down,
HPCM is biased to 150mV and acting as the sense pin. There is a corresponding interrupt available to be enabled.
8.4.5
Over-current Protection
The headphone amplifier has an over-current protection (e.g. HPR/HPL is shorted). This over-current protection will
power down the headphone amplifier for a programmable time-out period (512ms, 0ms). There is a corresponding
interrupt available to be enabled.
Figure 10. Headphone Overcurrent OFF-ON Sequence
8.4.6
Ground Noise Cancelation
As separate ground input allows to connect a ground sense line direct from the dock connector ground or headphone
jack shield to make the audio output independent from PCB ground noise.
8.4.7
Power Options
To save power, especially when driving 32 Ohm loads, a reduction of the bias current is selected. For 16Ohm loads
the bias current can be increased.
8.4.8
Parameter
AVDD17=1.7, AVDD27=2.7, HPVDD = 2.7V, TA= 25
o
C, unless otherwise mentioned
Table 13. Headphone Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RL_HP
Load Impedance
stereo mode
16
CL_HP
Load Capacitance
stereo mode
100
pF
PHP
Nominal Output Power
RL=16 , limiter enabled
RL=32 , limiter enabled
40
20
mW
AHP
Programmable Gain
-40.5
+6
dB
Gain Steps
discrete logarithmic gain steps
1.5
dB
Gain Step Accuracy
±0.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com