Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 78 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 78 Page - ams AG

Back Button AS3543 Datasheet HTML 74Page - ams AG AS3543 Datasheet HTML 75Page - ams AG AS3543 Datasheet HTML 76Page - ams AG AS3543 Datasheet HTML 77Page - ams AG AS3543 Datasheet HTML 78Page - ams AG AS3543 Datasheet HTML 79Page - ams AG AS3543 Datasheet HTML 80Page - ams AG AS3543 Datasheet HTML 81Page - ams AG AS3543 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
77 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 79. SYSTEM Register
Name
Base
Default
SYSTEM
2-wire serial
41h
Offset: 20h
SYSTEM Register
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
Design_Version<3:0>
0100
R
AFE number to identify the design version
0100: for chip version 3v0
3
HB_WD_ON
0
R/W
Heartbeat (HBT) Watchdog
The watchdog counter will be reset by a rising edge at the
HBT input pin which has to occur at least every 500ms. If the
watchdog counter is not reset, the AFE will be powered down.
0: HBT watchdog is disabled
1: HBT watchdog is enabled
2
JTEMP_OFF
0
R/W
Junction temperature supervision (level can be set in register
21h)
0: temperature supervision enabled
1: temperature supervision disabled
1
I2C_WD_ON
0
R/W
2-wire serial interface watchdog
To reset the watchdog counter a 2-wire serial read operation
has to be performed at least every 500ms. If the watchdog
counter is not reset, the AFE will be powered down.
0: watchdog is disabled
1: watchdog is enabled
0
PWR_HOLD
0
R/W
0: power up hold is cleared and AFE will power down
1: is automatically set to on after power on
Table 80. SUPERVISOR Register
Name
Base
Default
SUPERVISOR
2-wire serial
00h
Offset: 21h
SUPERVISOR Register
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
SD_TIME
0100
R/W
Sets the emergency shut-down time invoked by PWRUP.
0: 5.4sec
1: 10.9sec
6
BVDDlow_SD_OFF
0
R/W
0: BVDDlow shut down enalbed
1: BVDDlow shut down disabled
5
-
0
n/a
4:0
JTEMP_SUP<4:0>
0
R/W
Sets the threshold for junction temperature emergency
shutdown and junction temperature interrupt
Invoke shutdown at: JTemp_SD=140-JTEMP_Sup*5
°C
Invoke interrupt at: JTemp_IRQ=120-JTEMP_Sup*5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com