Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 39 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 39 Page - ams AG

Back Button AS3543 Datasheet HTML 35Page - ams AG AS3543 Datasheet HTML 36Page - ams AG AS3543 Datasheet HTML 37Page - ams AG AS3543 Datasheet HTML 38Page - ams AG AS3543 Datasheet HTML 39Page - ams AG AS3543 Datasheet HTML 40Page - ams AG AS3543 Datasheet HTML 41Page - ams AG AS3543 Datasheet HTML 42Page - ams AG AS3543 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
38 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
9.3.4
Parameter
BVDD=3.6V, TA= 25
o
C, unless otherwise mentioned
Figure 26. 15V Step-Up Performance Characteristics
Table 24. DCDC Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSW
High Voltage Pin
Pin SW15
0
15
V
IVDD
Quiescent Current
Pulse Skipping mode
140
A
VFB
Feedback Voltage, Transient
Pin ISINK1 or ISINK2
0
5.5
V
VFB
Feedback Voltage, during
Regulation
Pin ISINK1 or ISINK2
0.63
V
ISW_MAX
Current Limit
V15_ON = 1
350
510
750
mA
RSW
Switch Resistance
V15_ON = 0
0.85
1.54
Ω
ILOAD
Load Current
@ 15V output voltage
0
45
mA
IFB
Current into ISINK1 during
voltage feedback mode
50
uA
VPULSESKIP
Pulse-skip Threshold
Voltage at pin ISINK1 or ISINK2, pulse
skips are introduces when load current
becomes too low
0.96
V
FIN
Fixed Switching Frequency
0.45
0.66
0.85
MHz
COUT
Output Capacitor
Ceramic
1
F
L
(Inductor)
ILOAD > 20mA
Use inductors with small CPARASITIC
(<100pF) for high efficiency
17
22
27
H
ILOAD < 20mA
8
10
27
tMIN_ON
Minimum On-Time
Guaranteed per design
90
200
ns
MDC
Maximum Duty Cycle
Guaranteed per design
84
91
98
%
Efficiency vs. output current
70
75
80
85
90
95
1
10
100
OUTPUT CURRENT [mA]
VIN=3.6V
Load = 3 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com