Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 26 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 26 Page - ams AG

Back Button AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG AS3543 Datasheet HTML 24Page - ams AG AS3543 Datasheet HTML 25Page - ams AG AS3543 Datasheet HTML 26Page - ams AG AS3543 Datasheet HTML 27Page - ams AG AS3543 Datasheet HTML 28Page - ams AG AS3543 Datasheet HTML 29Page - ams AG AS3543 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
25 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
Figure 12. I2S left justified mode
8.5.6
Parameter
DVDD=2.9V, TA=25°C, Slave Mode, f S=48kHz, MCLK = 128*fS, unless otherwise specified
Table 15. I2S Timing
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tSCLK
SCLK Cycle Time
160
ns
tSCLKH
SCLK Pulse Width High
80
ns
tSCLKL
SCLK Pulse Width Low
80
ns
TLRSU
LRCK Setup Time before
SCLK rising edge
80
ns
TLRHD
LRCK Hold Time after SCLK
rising edge
80
ns
tSDSU
SDI setup time before SCLK
rising edge
25
ns
tSDHD
SDI hold time after SCLK
rising edge
25
ns
tSDOD
SDO Delay from SCLK falling
edge
25
ns
tJITTER
Jitter of LRCK
internal PLL generates MCLK from
LRCK
-20
20
ns
I2S direct mode
TSCD
SCLK delay after MCLK
rising edge
0.5
1.5
ns
TLRD
LRLCK delay after SCLK
rising edge
0.5
1.5
ns
tSDSU
SDI setup time before SCLK
rising edge
5
ns
tSDHD
SDI hold time after SCLK
rising edge
5
ns
tSDOD
SDO Delay from SCLK falling
edge
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com