Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 41 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 41 Page - ams AG

Back Button AS3543 Datasheet HTML 37Page - ams AG AS3543 Datasheet HTML 38Page - ams AG AS3543 Datasheet HTML 39Page - ams AG AS3543 Datasheet HTML 40Page - ams AG AS3543 Datasheet HTML 41Page - ams AG AS3543 Datasheet HTML 42Page - ams AG AS3543 Datasheet HTML 43Page - ams AG AS3543 Datasheet HTML 44Page - ams AG AS3543 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
40 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
Figure 28. Charger States
9.4.2
Soft Charge
If the battery and therefore CHGOUT is below 3V the charger is working in a fixed soft charge mode with the smallest
possible charging current of 55mA and 3.9V charger end voltage. After reaching the 3V level the charger switches to
the register defined mode and sets the programmed charging current and voltage.
9.4.3
End of Charge Detection
For the EOC level 4 presets can be selected. This makes it possible to monitor the charging progress also during con-
stant voltage mode. If the EOC level is reached an interrupt can be generated, but it is also possible to poll the charger
status bits at any time.
9.4.4
Temperature Supervision
This charger block also features a 15uA supply for an external 100k NTC resistor to measure the battery temperature
while charging. If the temperature is too high, an interrupt can be generated. If the battery temperature drops the char-
ger will start charging again. The levels for switching off/on the charger (45/42°C or 55/50°C) can be selected via reg-
ister settings.
If the NTC resistor does not have 100k
its value can be corrected with a resistor in series or in parallel.
9.4.5
Parameter
AVDD27=2.7, TA= 25
o
C, unless otherwise mentioned
Table 26. Charger Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICHG (0-7)
Charging Current
BVDD > 2.7V, ICHG > 60mA
INOM
-8%
INOM
INOM
+8%
mA
VCHG (0-7)
Charging Voltage
BVDD > 2.7V, end of charge is
true
VNOM
-50mV
VNOM
VNOM
+30mV
V
VON_ABS
Charger On Voltage IRQ
CHGOUT>3V
3.1
4.0
V
VON_REL
Charger On Voltage IRQ
CHGIN-CHGOUT
170
240
mV
VOFF_REL
Charger Off Voltage IRQ
CHGIN-CHGOUT
40
77
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com