Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 85 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 85 Page - ams AG

Back Button AS3543 Datasheet HTML 81Page - ams AG AS3543 Datasheet HTML 82Page - ams AG AS3543 Datasheet HTML 83Page - ams AG AS3543 Datasheet HTML 84Page - ams AG AS3543 Datasheet HTML 85Page - ams AG AS3543 Datasheet HTML 86Page - ams AG AS3543 Datasheet HTML 87Page - ams AG AS3543 Datasheet HTML 88Page - ams AG AS3543 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
84 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 86. Fifth Interrupt Register
Name
Base
Default
IRQENRD_4
2-wire serial
00h
Offset: 27h
Fifth Interrupt Register
Please be aware that writing to this register will enable/disable the
corresponding interrupts, while reading gets the actual interrupt status and
will clear the register at the same time. It is not possible to read back the
interrupt enable/disable settings. This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
T_DEB<1:0>
00
R/W
Sets the USB and Charger connect de-bounce time:
00: 512ms
01: 256ms
10: 128ms
11: 0ms
5
AVDD27_IRQ
0
W
Enables interrupt for under-voltage supervision of AVDD27
0: disable
1: enable
AVDD27_under
x
R
This bit is set when a -5% under-voltage at AVDD27 occurs
4
DCDC15_IRQ
0
W
Enables interrupt for over-voltage supervision of SW15
0: disable
1: enable
DCDC15_over
x
R
This bit is set when SW15 exceeds 15V.
3
-
0
n/a
2
REM_DET
(edge)
0
W
Microphone remote key press detection interrupt setting
0: disable
1: enable
x
R
Microphone remote key press detection interrupt reading
0: no key press detected
1: Microphone supply current got increased, remote key press
detected -> measure MICS supply current
1
RTC_UPDATE
(edge)
0
W
RTC timer interrupt setting
0: disable
1: enable
x
R
RTC timer interrupt reading
0: no RTC interrupt occurred
1: RTC timer interrupt occurred. Selecting minute or second
interrupt can be done via RTCT register (29h)
0
ADC_EOC
(edge)
0
W
ADC end of conversion interrupt setting
0: disable
1: enable
x
R
ADC end of conversion interrupt reading
0: ADC conversion not finished
1: ADC conversion finished. Read out ADC_0 and ADC_1
register to get the result (2Eh & 2Fh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com