Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 24 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 24 Page - ams AG

Back Button AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG AS3543 Datasheet HTML 24Page - ams AG AS3543 Datasheet HTML 25Page - ams AG AS3543 Datasheet HTML 26Page - ams AG AS3543 Datasheet HTML 27Page - ams AG AS3543 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
23 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
8.4.9
Register Description
8.5
DAC, ADC and I2S Digital Audio Interface
8.5.1
Input
The AFE receives serialized audio data for the DAC via pin SDI. The output of the DAC is fed through a volume control
to the mixer stage and to the multiplexers of line output and headphone amplifiers or direct to these output stages.
This serialized audio data is a digital audio data stream with the left and the right audio channels multiplexed into one
bit-stream. Via pin LRCK the alignment clock is input to the DAC digital filters. LRCK (Left Right Clock) indicates
whether the serial bit-stream received via pin SDI, represents right channel or left channel audio data. Via pin SCLK
the bit clock for the serial bit-stream is signalled. SDI and LRCK are synchronous with SCLK. SDI, LRCK and SCLK
are inputs; SDO is not used.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain
can be set from –40.5dB to +6dB. The stage is set to mute by default. If the DAC input is not enabled, the volume set-
tings are set to their default values. Changing the volume and mute control can only be done after enabling the input.
8.5.2
Output
This block consists of an audio multiplexer where the signal, which should be recorded, can be selected. The output is
then fed through a volume control to the audio ADC. The digital output is done via an I2S interface.
The AFE sends serialized audio data from the ADC via pin SDO. This serialized audio data is a digital audio data
stream with the left and the right audio channels multiplexed into one bit-stream. Via pin LRCK the alignment clock is
signalled to the connected devices (e.g. CPU). LRCLK (Left Right Clock) indicates whether the serial bit-stream sent
via pin SDI, presents right channel or left channel audio data. Via pin SCLK the bit clock for the serial bit-stream is sig-
nalled. SDO and LRCK are synchronous with SCLK. SDO is an output; LRCK and SCK are inputs; SDI is not used.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain
can be set from –34.5dB to +12dB. The stage is set to mute by default. If the ADC output is not enabled, the volume
settings are set to their default values. Changing the volume and mute control can only be done after enabling the
input.
The I2S output uses the same clocks as the I2S input. The sampling rate therefore depends also on the input sampling
rate. The exact ratio can be set in register 11h.
The SDO output can be configured to operate in push/pull (3 different driver strengths) or to be tri-state. For a more
detailed description of the GPIO functionality of this pin please refer to chapter GPIO Pins on page 50.
Over current limit
HPR/HPL pins
HPCM pin, @1.8V
70mA
110mA
mA
mA
Over current limit
HPR/HPL pins
HPCM pin, @2.7V
140mA
220mA
mA
mA
PSRRHP
Power Supply Rejection
Ratio
200Hz-20kHz, 720mVpp, RL=16
90
dB
AHPMUTE
Mute Attenuation
100
dB
Table 14. Headphone Related Register
Name
Base
Offset
Description
OUT_R
2-wire serial
02h
Right HP Output volume and over-current settings
OUT_L
2-wire serial
03h
Left HP Output volume settings, enable and detection control
AudioSet2
2-wire serial
15h
Auto fading timing settings
AudioSet3
2-wire serial
16h
Power options, common mode buffer enable
IRQENRD_3
2-wire serial
26h
Interrupt settings for over current and HP detection
Table 13. Headphone Output Parameter (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com