Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 71 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 71 Page - ams AG

Back Button AS3543 Datasheet HTML 67Page - ams AG AS3543 Datasheet HTML 68Page - ams AG AS3543 Datasheet HTML 69Page - ams AG AS3543 Datasheet HTML 70Page - ams AG AS3543 Datasheet HTML 71Page - ams AG AS3543 Datasheet HTML 72Page - ams AG AS3543 Datasheet HTML 73Page - ams AG AS3543 Datasheet HTML 74Page - ams AG AS3543 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
70 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 67. CHGVBUS2 Register
Name
Base
Default
CHGVBUS2
2-wire serial
00h
Offset: 19h-2
Charger / VBUS 2 Control Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
VBUS_COMP_TH
<1:0>
00
R/W
Sets the threshold for the VBUS comparator. The output can
be read in register 25h.
00: 4.5V
01: 3.18V
10: 1.5V
11: 0.6V
5:3
-
000
n/a
-
2
BAT_TEMP
0
R/W
Selects the battery temperature supervision level
0: 0.4/0.5V equal to 55/50°C with 100k NTC
1: 0.6/0.7V equal to 45/42°C with 100k NTC
1:0
CHG_EOC_TH<1:0>
00
R/W
Setes the threshold for the charger EOC (end of charge)
interrupt as a ratio of the constant current (CC) setting.
00: 10% CC
01: 30% CC
10: 50% CC
11: 70% CC
Table 68. Out_Cntr1 Register
Name
Base
Default
Out_Cntr1
2-wire serial
00h
Offset: 1Ah-1
PWGD and XRES Output Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
DRIVE_PWGD<1:0>
00
R/W
Sets the PWGD output pin to open-drain, push-pull or tri-state
and sets various driving strengths
00: 6mA open-drain output
01: 6mA push-pull output
10: 1mA push-pull output
11: HiZ, stri-state
5:4
MUX_PWGD<1:0>
00
R/W
Multiplexes various digital signals to the PWGD output pin
00: PWGD, PowerGood control signal
01: CLK24M, 24MHz oszillator output
10: CLKINT2, internal clock signal, see Clk_Cntr regsiter
11: PWM, PMW_Cntr register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com