Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 32 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 32 Page - ams AG

Back Button AS3543 Datasheet HTML 28Page - ams AG AS3543 Datasheet HTML 29Page - ams AG AS3543 Datasheet HTML 30Page - ams AG AS3543 Datasheet HTML 31Page - ams AG AS3543 Datasheet HTML 32Page - ams AG AS3543 Datasheet HTML 33Page - ams AG AS3543 Datasheet HTML 34Page - ams AG AS3543 Datasheet HTML 35Page - ams AG AS3543 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
31 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
9.1.4
LDO3 & LDO4
These LDOs can be used to generate the periphery voltage for the digital processor or other external components (e.g.
ext. DAC, USB-PHY, SD-Cards, NAND-Flashes, FM-Tuner …)
LDO3 has a separate input pin (BVDDP1) which can be connected to either the battery or a DCDC converter output.
Input Voltage BVDDP1 or BVDD
Output Voltage is PVDD1 & PVDD2 (1.2 to 3.5V)
Default value at start-up is defined by VPRG2 pin
Driver strength: 100mA, can be programmed to 200mA
9.1.5
Parameter
BVDD=3.6V, TA= 25
o
C, unless otherwise mentioned
Table 20. LDO Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RON
On resistance
1
PSRR
Power supply rejection ratio
f=1kHz
70
dB
f=100kHz
40
IOFF
Shut down current
100
nA
IVDD
Supply current
without load
50
µA
Noise
Output noise
10Hz < f < 100kHz
50
µVrms
tstart
Startup time
200
µs
Vout_tol
Output voltage tolerance
minimum +/- 50mV
-2.5%
2.5%
mV
VLineReg
Line regulation
LDO2, Static
<1
mV
LDO2, Transient; Slope: tr=10µs
<10
VLoadReg
Load regulation
LDO2, Static
<1
mV
LDO2, Transient; Slope: tr=10µs
<10
ILIMIT
Current limitation
LDO1
100
LDO2, LDO3, LDO4
200
mA
LDO2, LDO3 and LDO4, has to be
enabled via register 18h-1, 18h-2, 18h-3
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com