Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 15 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 15 Page - ams AG

Back Button AS3543 Datasheet HTML 11Page - ams AG AS3543 Datasheet HTML 12Page - ams AG AS3543 Datasheet HTML 13Page - ams AG AS3543 Datasheet HTML 14Page - ams AG AS3543 Datasheet HTML 15Page - ams AG AS3543 Datasheet HTML 16Page - ams AG AS3543 Datasheet HTML 17Page - ams AG AS3543 Datasheet HTML 18Page - ams AG AS3543 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
14 - 91
AS3543 3v2
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
BVDD=+3.6V, VDD27=+2.7V, HPVDD=FVDD=1.8V, VDD17=+1.7V, fS=48kHz, TA=+25ºC, unless otherwise specified.
Table 6. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DAC Input to Line Output
FS
Full Scale Output
RL= 10kΩ, f=1kHz, 1VRMS input
0,568
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
96
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS, f=1kHz
95
dB
THD
Total Harmonic Distortion
1kHz -1dB FS input, RL=10kΩ
-90
dB
CS
Channel Separation
RL=10kΩ
62
dB
Line Input to Line Output
FS
Full Scale Output
RL= 10kΩ, f=1kHz, 545mVRMS input
0,545
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
97
dB
THD
Total Harmonic Distortion
1kHz 1VRMS (-1dB FS) input, RL=10kΩ
-81
dB
CS
Channel Separation
RL=10kΩ
100
dB
DAC Input to HP Output
FS
Full Scale Output
RL=32Ω
0,560
VRMS
RL=16Ω
0,550
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
97
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS, f=1kHz
88
dB
THD
Total Harmonic Distortion
no load, f=1kHz, FS input
-87
dB
POUT=6mW, RL=32Ω, f=1kHz, -1dB FS
-81
dB
POUT=12mW, RL=16Ω, f=1kHz, -1dB FS
-78
-60
dB
CS
Channel Separation
RL=32Ω
63
dB
RL= 16Ω
60
dB
Line Input to HP Output
FS
Full Scale Output
RL= 32Ω, f=1kHz, 545mVRMS(FS) input
0,450
VRMS
RL= 16Ω, f=1kHz, 545mVRMS(FS) input
0,447
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
97
dB
THD
Total Harmonic Distortion
no load, f=1kHz, 545mVRMS
-77
dB
POUT=6mW, RL=32Ω, f=1kHz, 545mVRMS
-75
dB
POUT=12mW, RL=16Ω, f=1kHz, 545mVRMS
-75
-60
dB
CS
Channel Separation
RL = 32Ω
77
dB
RL = 16Ω
66
dB
Mic Input to Line Output
FS
Full Scale Output
f=1kHz, 27mVRMS FS input
0,512
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
75
dB
THD
Total Harmonic Distortion
1kHz 27mVRMS FS input
77
dB
Mic Input to ADC Output
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
77
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS, f=1kHz
84
dB
THD
Total Harmonic Distortion
1kHz 27mVVRMS FS input
-64
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com