Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 42 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 42 Page - ams AG

Back Button AS3543 Datasheet HTML 38Page - ams AG AS3543 Datasheet HTML 39Page - ams AG AS3543 Datasheet HTML 40Page - ams AG AS3543 Datasheet HTML 41Page - ams AG AS3543 Datasheet HTML 42Page - ams AG AS3543 Datasheet HTML 43Page - ams AG AS3543 Datasheet HTML 44Page - ams AG AS3543 Datasheet HTML 45Page - ams AG AS3543 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
41 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
9.4.6
Register Description
VBATEMP_ON
Battery Temp. high level
(45 or 55°C)
BVDD >3V
610 or
400
mV
VBATEMP_OFF
Battery Temp. low level
(42 or 50°C)
BVDD >3V
700 or
500
mV
ICHG_OFF
End Of Charge current level
BVDD >3V
5%
INOM
10%
30%
50%
70%
INOM
15%
INOM
mA
IREV_OFF
Reverse current shut down
BVDD = 5V, CHGIN open
<1
uA
Table 27. Charger Related Register
Name
Base
Offset
Description
CHGVBUS1
2-wire serial
19h-1h
Charger voltage, current and temp. supervision control
CHGVBUS2
2-wire serial
19h-2h
Charger temperature and EOC level settings
PMU_Enable
2-wire serial
1Ch
Enables writings to extended registers 19h-1 to 19h-2
IRQENRD_2
2-wire serial
25h
Enable/disable EOC and battery over-temperature interrupt
Read out charger status
IRQENRD_4
2-wire serial
27h
Set CHGIN debounce time
ADC10_0
2-wire serial
2Eh
ADC source selection, ADC result<9:8>
ADC10_1
2-wire serial
2Fh
ADC result <7:0>
Table 26. Charger Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com