Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 58 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 58 Page - ams AG

Back Button AS3543 Datasheet HTML 54Page - ams AG AS3543 Datasheet HTML 55Page - ams AG AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG AS3543 Datasheet HTML 60Page - ams AG AS3543 Datasheet HTML 61Page - ams AG AS3543 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
2Bh
RTC_1
QRTC<15:8>
2Ch
RTC_2
QRTC<23:16>
2Dh
RTC_3
QRTC<31:24>
2Eh
ADC10_0
ADC10_MUX<3:0>
0: BVDD; 1: BVDDR; 2: CHGIN; 3: CHGOUT; 4: VBUS
5: DC_TEST; 6: BATTEMP; 7: MCLK; 8: MICS; A: I_MICS;
C: VBE_1uA; D: VBE_2uA; E: I_CHGact; F: I_CHGref
-
-
ADC10<9:8>
2Fh
ADC10_1
ADC10<7:0>
UID Register
38h
UID_0
ID<7:0>
39h
UID_1
ID<15:8>
3Ah
UID_2
ID<23:16>
3Bh
UID_3
ID<31:24>
3Ch
UID_4
ID<39:32>
3Dh
UID_5
ID<47:40>
3Eh
UID_6
ID<55:48>
3Fh
UID_7
ID<63:56>
Table 43. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com