Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 60 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 60 Page - ams AG

Back Button AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG AS3543 Datasheet HTML 60Page - ams AG AS3543 Datasheet HTML 61Page - ams AG AS3543 Datasheet HTML 62Page - ams AG AS3543 Datasheet HTML 63Page - ams AG AS3543 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
59 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 46. MIC_R Register
Name
Base
Default
MIC_R
2-wire serial
00h
Offset: 06h
Right Microphone Input Register
Configures MUX_C and the audio gain from MUX_C output to HPR/LOUTR output
and switches between the headphone and line output.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
MIC_MODE
0
R/W
Selects the microphone input mode
0: mono differential mode
1: single ended mode
6:5
PRE_GAIN<1:0>
00
R/W
Sets the gain of the microphone preamplifier (gain from
microphone inputs to N3)
00: gain set to 30 dB
01: gain set to 36 dB
10: gain set to 42 dB
11: reserved, do not use.
4:0
MICR_VOL<4:0>
00000
R/W
volume settings for right microphone input, adjustable in 32
steps @ 1.5dB; gain from microphone amplifier (N4) to mixer
input (N12)
11111: 6 dB gain
11110: 4.5 dB gain
..
00001: -39 dB gain
00000: -40.5 dB gain
Table 47. MIC_L Register
Name
Base
Default
MIC_L
2-wire serial
00h
Offset: 07h
Left Microphone Input Register
Configures the gain from microphone amplifier output up to mixer input (Σ) and
controls MUTE switch D.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7
MSUP_OFF
0
R/W
0: microphone supply enabled
1: microphone supply disabled
6
MUTE_D_ON
0
R/W
Control of MUTE switch D
0: normal operation
1: microphone input set to mute
5
-
0
n/a
4:0
MICL_VOL<4:0>
00000
R/W
volume settings for left microphone input, adjustable in 32
steps @ 1.5dB; gain from microphone amplifier (N4) to mixer
input (N13)
11111: 6 dB gain
11110: 4.5 dB gain
..
00001: -39 dB gain
00000: -40.5 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com