Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 62 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 62 Page - ams AG

Back Button AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG AS3543 Datasheet HTML 60Page - ams AG AS3543 Datasheet HTML 61Page - ams AG AS3543 Datasheet HTML 62Page - ams AG AS3543 Datasheet HTML 63Page - ams AG AS3543 Datasheet HTML 64Page - ams AG AS3543 Datasheet HTML 65Page - ams AG AS3543 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
61 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
Table 50. DAC_R Register
Name
Base
Default
DAC_R
2-wire serial
00h
Offset: 0Eh
Right DAC Output Register
Configures the gain from DAC output to mixer input (Σ).
This register is reset when the block is disabled in AudioSet1 register (14h) or at a
AVDD27-POR. The register cannot be written when the block is disabled.
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4:0
DAR_VOL<4:0>
00000
R/W
volume settings for right DAC output, adjustable in 32 steps @
1.5dB; gain from DAC output (N19) to mixer input (N23)
11111: 6 dB gain
11110: 4.5 dB gain
..
00001: -39 dB gain
00000: -40.5 dB gain
Table 51. DAC_L Register
Name
Base
Default
DAC_L
2-wire serial
00h
Offset: 0Fh
Left DAC Output Register
Configures the gain from DAC output to mixer input (Σ) and controls MUTE switch H.
This register is reset when the block is disabled in AudioSet1 register (14h) or at a
AVDD27-POR. The register cannot be written when the block is disabled.
Bit
Bit Name
Default
Access
Bit Description
7:6
-
00
n/a
5
MUTE_H_OFF
0
R/W
Control of MUTE switch H
0: DAC output is set to mute
1: normal operation
4:0
DAL_VOL<4:0>
00000
R/W
volume settings for left DAC output, adjustable in 32 steps @
1.5dB; gain from DAC output (N22) to mixer input (N26)
11111: 6 dB gain
11110: 4.5 dB gain
..
00001: -39 dB gain
00000: -40.5 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com